Electronic Components Datasheet Search
  English  ▼

X  

SP42742 Datasheet(PDF) 3 Page - SIPAT Co,Ltd

Part # SP42742
Description  75  Terminated, 5 - 2200 MHz SPDT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP42742 Datasheet(HTML) 3 Page - SIPAT Co,Ltd

  SP42742 Datasheet HTML 1Page - SIPAT Co,Ltd SP42742 Datasheet HTML 2Page - SIPAT Co,Ltd SP42742 Datasheet HTML 3Page - SIPAT Co,Ltd SP42742 Datasheet HTML 4Page - SIPAT Co,Ltd SP42742 Datasheet HTML 5Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Product Specification
SP42742
Page 3 of 10
No.
Name
Description
1, 2, 4-7, 9-12,
14, 15, 18, 19
GND
RF Ground
3
RF11
RF I/O
8
RFC1
RF Common
13
RF21
RF I/O
16
C22
Control 2 (or logic select)
17
C12
Control 1 (or logic select)
20
VDD
Supply
Pad
GND
RF Ground Pad
Table 3. Pin Descriptions
Table 6. Absolute Maximum Ratings
Electrostatic Discharge (ESD) Precautions
When handling this CMOS device, observe the
same precautions that you would use with other ESD-
sensitive devices. Although this device contains
circuitry to protect it from damage due to ESD,
precautions should be taken to avoid exceeding the
rating specified.
Latch-Up Avoidance
Unlike conventional CMOS devices, CMOS
devices are immune to latch-up.
Table 5. Operating Conditions @ 25 °C
Notes:
1. RF pins 3, 8, and 13 must be at 0 VDC. The RF pins do
not require DC blocking capacitors for proper operation if the
0 V DC requirement is met.
2. Pins 16 and 17 can be set for single pin or complementary
pin control.
Switching Frequency
The SP42742 has a maximum 25 kHz switching rate.
Figure 3. Pin Configuration (Top View)
Symbol
Parameter/Condition
Min
Max
Unit
VDD
Power supply voltage
-0.3
4.0
V
VI
Voltage on any DC input
-0.3
VDD +
0.3
V
PRF
RF power on RFC, RF1, RF2
Terminated/Through
24/33
dBm
TST
Storage temperature
-65
+150
°C
TOP
Operating temperature
-40
+85
°C
VESD
(note 1)
HBM3 ESD Voltage RF Pins
2000
V
HBM3 ESD Voltage Digital Pins
500
VESD
(note 2)
HBM3 ESD Voltage RF Pins
3500
HBM3 ESD Voltage Digital Pins
3500
MM ESD Voltage all pins
100
MM ESD Voltage all pins
150
Parameter
Min
Typ
Max
Unit
VDD Power Supply
2.7
3.0
3.3
V
IDD Power Supply Current
(VDD = 3 V, VCNTL = 3 V)
8
µA
Control Voltage High
0.7 x VDD
VDD
V
Control Voltage Low
0
0.3 x VDD
V
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted to
the limits in the Operating Ranges table. Operation
between operating range maximum and absolute
maximum for extended periods may reduce reliability.
GND
15
14
13
12
11
3
4
5
2
1
GND
GND
GND
RF2
GND
GND
GND
RF1
GND
GND
75
75
The SP42742 in the 20-lead QFN package is rated
MSL1. Please note the difference in fabrication plants
for the following ordering codes.
Notes:
1. Fabrication plant 1 parts, see Table 4. Please contact
factory for fabrication plant details.
2. Fabrication plan 2 parts, see Table 4. Please contact
factory for fabrication plant details.
3. ML_STD 883 Method 3015.7
Ordering Code
Moisture Sensitivity Level
Fabrication
Plant
SP42742MLIBB
MSL1
2
SP42742MLIBB-Z
MSL1
2
SP42742MLIBA
MSL1
2
SP42742MLIBA-Z
MSL1
2
42742-51
MSL1
1
42742-52
MSL1
1
Table 4. Moisture Sensitivity Level
and Fabrication Plant
Tel: +86-23-62808818
Fax: +86-23-62805284
www.sipatsaw.com / sawmkt@sipat.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com