Electronic Components Datasheet Search
  English  ▼

X  

MA31753 Datasheet(PDF) 10 Page - Dynex Semiconductor

Part # MA31753
Description  DMA Controller (DMAC) For An MA31750 System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31753 Datasheet(HTML) 10 Page - Dynex Semiconductor

Back Button MA31753 Datasheet HTML 6Page - Dynex Semiconductor MA31753 Datasheet HTML 7Page - Dynex Semiconductor MA31753 Datasheet HTML 8Page - Dynex Semiconductor MA31753 Datasheet HTML 9Page - Dynex Semiconductor MA31753 Datasheet HTML 10Page - Dynex Semiconductor MA31753 Datasheet HTML 11Page - Dynex Semiconductor MA31753 Datasheet HTML 12Page - Dynex Semiconductor MA31753 Datasheet HTML 13Page - Dynex Semiconductor MA31753 Datasheet HTML 14Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
MA31753
10/30
5.4 AREA 1 AND 2 PB, PS AND AS
These readable and writable registers store the Page Bank, Processor and Address State information to be used when
accessing areas 1 and 2. When areas are defined within IO space, PB, PS and AS are set to zero.
5.5 TRANSFER INTERVAL
This readable and writable register gives the number of CLK cycles between each DMA request generated during area to
area transfers. The number entered as the interval value corresponds to a clock cycle interval increasing by 32 as follows:
0
=>
- (externally triggered DMA requests)
1
=>
0 (continuous DMA requests until the block is completed.
2=>
32
3=>
64
4=>
96
..
..
..
14
=>
416
15
=>
448
This function is valid only for transfers on channels 0 and 1. Channels 2 and 3 work ony only on externally triggered requests.
5.6 CONFIGURATION WORD
The DMA controller snoops the system address bus for the XIO address 0x8410. When this appears, the DMA stores the data
bus (qualified by DSN low) in an internal copy of the CPU configuration word.
OIN
PB0
PS0
AS0
PB3
PS3
AS3
D0
D15
Interval
D0
D15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com