Electronic Components Datasheet Search
  English  ▼

X  

MA31753 Datasheet(PDF) 3 Page - Dynex Semiconductor

Part # MA31753
Description  DMA Controller (DMAC) For An MA31750 System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31753 Datasheet(HTML) 3 Page - Dynex Semiconductor

  MA31753 Datasheet HTML 1Page - Dynex Semiconductor MA31753 Datasheet HTML 2Page - Dynex Semiconductor MA31753 Datasheet HTML 3Page - Dynex Semiconductor MA31753 Datasheet HTML 4Page - Dynex Semiconductor MA31753 Datasheet HTML 5Page - Dynex Semiconductor MA31753 Datasheet HTML 6Page - Dynex Semiconductor MA31753 Datasheet HTML 7Page - Dynex Semiconductor MA31753 Datasheet HTML 8Page - Dynex Semiconductor MA31753 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
MA31753
3/30
3.0 DMA FUNCTIONALITY
Figure 2 shows a block diagram representing the structure
of the DMA controller. This figure also shows how the DMA
interfaces with the rest of the system.
Each DMA channel has 6 possible modes that it can
operate in. These are as follows:
3.1 IDLE MODE
The channel goes into IDLE mode after an active hardware
reset or after resetting the status flags. When in IDLE mode,
the channel goes into PEND_CHAIN mode when activated by
writing the Mode register. No parity check is done on this
register write.
3.2 PEND_CHAIN MODE
Once the channel has been activated, it goes from IDLE to
PEND_CHAIN mode. In this mode, the first instruction is read
(all 8 words). If a parity error is detected, the channel goes to
the ERROR mode. If the read is successful, the channel will
stay in the PEND_CHAIN mode until either an active request is
received or the Channel Request Pending bit is set in the
Channel Status Register. At this time, the channel progresses
to the PEND_REQ mode.
3.3 PEND_REQ MODE
In this mode, the Mode / Link word is checked to make sure
it doesn’t de-activate the channel (sending the device back to
IDLE mode). If the channel remains active, the device sits in
PEND_REQ mode until the system bus arbiter grants the DMA
bus control. Once this occurs, the transfer commences and the
DMA enters TRANSFER mode.
3.4 TRANSFER MODE
If at any time during the transfer an error occurs, the
channel is set into ERROR mode. If the transfers are clean of
errors, then the behaviour of the device is dependant on the
type of transfer mode that was programmed by the currently
executing instruction.
3.4.1 Single/Double Word and External Area to Area Mode
Within these modes, the DMA executes each data transfer
seperately, ie. between each single / double word transfer, the
request is removed. The DMA goes back into PEND_REQ
mode after each transfer and waits for the next request to be
granted.
3.4.2 Burst Area to Area Mode
With this type of transfer, the DMA transfers data whilst the
bus control is granted. The channel request signal remains
active. When control is removed by the arbiter, the device sits
in the PEND_TRANS mode until re-granted. If the burst mode
is area to area with interval timing, then between each transfer,
the channel has to count the interval.
Once a transfer has completed, the channel either sets the
EOT bit and sits waiting for this to be reset before it goes back
into INIT mode, or the instruction is chained and the channel
jumps back to the PEND_CHAIN mode where it can read the
next instruction details for the next transfer. If during any
transfer mode, the channel is de-activated, the channel goes
back to INIT mode. If at any time, an error is detected, the
device goes into ERROR mode.
3.5 ERROR MODE
This mode is entered from the PEND_CHAIN mode if a
parity error is detected during the instruction register reads.
The error mode can also be entered from theTRANSFER
mode. This can happen if PEN, MPROEN or EXADEN are
activated by trying to access one of the data transfer addreses.
An interrupt is generated in this mode. The only way to leave
this mode is to reset all the error flags.
3.6 WORD TRANSFER MODES
It is possible to run each channel in single, double, and
burst mode transfers.
3.6.1 Single Word Transfer
In single word transfer mode, the generation of each
request on a channel causes the DMA controller to issue an
external request that lasts for one bus cycle. The request is de-
activated before the end of the bus cycle to allow other users to
aquire bus control. If the transfer is to or from a device needing
longer than one machine cycle (2 CLK cycles) then the cycle
can be extended using handshaking of the DMA request and
acknowledge lines.
3.6.2 Double Word Transfer
In double word mode, each request on a channel causes
the DMA controller to request bus control for 2 machine cycles
to allow the transfer of 2 16-bit data words. The data is
transferred to consecutive addresses and the bus is locked
between each word transfer to protect the transfer. The most
significant word to be transferred has the lowest address and
is transferred first (following the 1750 standard). The request is
de-activated before the end of the second bus cycle to allow
other bus users to take control. If an extended cycle is needed,
the handshaking mechanism doesn’t word in this mode and
the RDYN signal must be kept high for as long as required.
3.6.3 Burst Mode
In burst mode, one request to the channel causes the DMA
to request bus control for a complete block of data to be
transferred. The DMA de-asserts the request line on the last
transfer cycle to allow other users to take bus control.
Consequently, if the transfers are chained together, the CPU
may be able to get bus control between 2 blocks of data
transfer. If extended bus cycles are needed, the RDYN
mechanism can be used (handshaking does not work in this
mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com