Electronic Components Datasheet Search
  English  ▼

X  

MA31753 Datasheet(PDF) 28 Page - Dynex Semiconductor

Part # MA31753
Description  DMA Controller (DMAC) For An MA31750 System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31753 Datasheet(HTML) 28 Page - Dynex Semiconductor

Back Button MA31753 Datasheet HTML 22Page - Dynex Semiconductor MA31753 Datasheet HTML 23Page - Dynex Semiconductor MA31753 Datasheet HTML 24Page - Dynex Semiconductor MA31753 Datasheet HTML 25Page - Dynex Semiconductor MA31753 Datasheet HTML 26Page - Dynex Semiconductor MA31753 Datasheet HTML 27Page - Dynex Semiconductor MA31753 Datasheet HTML 28Page - Dynex Semiconductor MA31753 Datasheet HTML 29Page - Dynex Semiconductor MA31753 Datasheet HTML 30Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
MA31753
28/30
Notes:
1.
represents gold plating 50 microns min.
over 100 microns nominal nickel.
2. All dimensions are in inches.
3. Default tolerances
±1% not less than 0.005
4. Ceramic is 92% Alumina.
Figure 23: 84-Pin Grid Array - Package Style A
BOTTOM
VIEW
A
B
C
D
E
F
G
H
J
K
L
11
10
9
8
7
6
5
4
3
2
1
Pin 1 Index
1.100
SQ
+/- .012
0.900
0.070 dia
0.105 MAX
0.100
0.050
+/- 0.004
0.180
=/-
0.004
0.008
0.050
+/-0.005
0.018
=/-0.002
Pin Detail



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com