Electronic Components Datasheet Search
  English  ▼

X  

MA31753 Datasheet(PDF) 29 Page - Dynex Semiconductor

Part # MA31753
Description  DMA Controller (DMAC) For An MA31750 System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31753 Datasheet(HTML) 29 Page - Dynex Semiconductor

Back Button MA31753 Datasheet HTML 22Page - Dynex Semiconductor MA31753 Datasheet HTML 23Page - Dynex Semiconductor MA31753 Datasheet HTML 24Page - Dynex Semiconductor MA31753 Datasheet HTML 25Page - Dynex Semiconductor MA31753 Datasheet HTML 26Page - Dynex Semiconductor MA31753 Datasheet HTML 27Page - Dynex Semiconductor MA31753 Datasheet HTML 28Page - Dynex Semiconductor MA31753 Datasheet HTML 29Page - Dynex Semiconductor MA31753 Datasheet HTML 30Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 30 page
background image
MA31753
29/30
RADIATION TOLERANCE
Total Dose Radiation Testing
For product procured to total dose radiation levels, each
wafer lot will be approved when all sample devices pass the
total dose radiation test.
The sample devices will be subjected to the total dose
radiation level (Cobalt-60 Source), defined by the ordering
code, and must continue to meet the electrical parameters
specified in the data sheet. Electrical tests, pre and post
irradiation, will be read and recorded.
Dynex Semiconductor can provide radiation testing
compliant with MIL STD 883 test method 1019, Ionizing
Radiation (Total Dose).
Total Dose (Function to specification)*
3x10
5 Rad(Si)
Transient Upset (Stored data loss)
1x10
11 Rad(Si)/sec
Transient Upset (Survivability)
>1x10
12 Rad(Si)/sec
Neutron Hardness (Function to specification)
>1x10
15 n/cm2
Single Event Upset**
<1x10
-10 Errors/bit day
Latch Up
Not possible
* Other total dose radiation levels available on request
** Worst case galactic cosmic ray upset - interplanetary/high altitude orbit
Figure 24: Radiation Hardness Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com