Electronic Components Datasheet Search
  English  ▼

X  

MA31753 Datasheet(PDF) 5 Page - Dynex Semiconductor

Part # MA31753
Description  DMA Controller (DMAC) For An MA31750 System
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MA31753 Datasheet(HTML) 5 Page - Dynex Semiconductor

  MA31753 Datasheet HTML 1Page - Dynex Semiconductor MA31753 Datasheet HTML 2Page - Dynex Semiconductor MA31753 Datasheet HTML 3Page - Dynex Semiconductor MA31753 Datasheet HTML 4Page - Dynex Semiconductor MA31753 Datasheet HTML 5Page - Dynex Semiconductor MA31753 Datasheet HTML 6Page - Dynex Semiconductor MA31753 Datasheet HTML 7Page - Dynex Semiconductor MA31753 Datasheet HTML 8Page - Dynex Semiconductor MA31753 Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
MA31753
5/30
3.10 SOFTWARE PROGRAMMING
DMA requests can be generated in software by writing the
CRQP bit in the Channel Status register. If the channel is
active, the DMA will then request bus control. If the DREQN
signal on that channel is not active, the DMA finishes the cycle
as soon as the memory is ready. There is no handshaking with
the IO port. DACKN is deasserted when the memory is ready.
If DREQN is asserted but is masked, the handshaking is active
and operates normally.
Interrupts can be generated in software by setting either a
channel EOT flag or any error flag. This can only be done
when the DMA is in PEND_CHAIN mode. If an error flag is set,
the device goes straight to ERROR mode. If the EOT flag is
set, the device looks as if it has completed the transfer. It will
then just sit and wait for the EOT flag to be cleared before
entering IDLE mode. If both flags are set simultaneously, the
device remains in PEND_CHAIN mode. Setting an error flag
when EOT is set resets EOT and the device goes to ERROR
mode. Setting EOT when an error flag is set clears the error
and the DMA sits in the finish transfer mode.
3.11 CASCADING DMA CONTROLLERS
DMA controllers are cascaded in series. For each DMA
added, an extra 4 channels become available. To cascade the
devices, the strobes, control signals and address and data
busses are connected in parallel. Of the bus arbitration
signals, LOCKN and GRANTN should be connected in parallel
and REQINN, GEINN and GEOUTN shoudl be daisy-chained.
INTRN and PEN can either be ORed together with external
glue logic or input to seperate CPU interrupts. Figure 3 shows
the cascade connections.
Figure 3: Cascading DMA Controllers
Bus
Arbiter
DMAC 1
DMAC 2
REQN
REQN
REQINN
GEOUTN
GEINN
GRANTN
44
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com