Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC2033 Datasheet HTML 1Page - Micrel Semiconductor MIC2033 Datasheet HTML 2Page - Micrel Semiconductor MIC2033 Datasheet HTML 3Page - Micrel Semiconductor MIC2033 Datasheet HTML 4Page - Micrel Semiconductor MIC2033 Datasheet HTML 5Page - Micrel Semiconductor MIC2033 Datasheet HTML 6Page - Micrel Semiconductor MIC2033 Datasheet HTML 7Page - Micrel Semiconductor MIC2033 Datasheet HTML 8Page - Micrel Semiconductor MIC2033 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel, Inc.
MIC2033
August 2012
5
M9999-082012-A
IEN
Enable Input Current
0V ≤ VEN ≤ 5V
1
µA
Electrical Characteristics(4) (Continued)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
RFAULT/
FAULT/ Output Resistance
IOUT = 10mA
25
Ω
IFAULT/_OFF
FAULT/ Off Current
VFAULT/ = VIN
10
µA
ICSLEW
CSLEW Input Current
VCSLEW = VIN
0.6
µA
Thermal Protection
TSD
Thermal Shutdown Threshold
TJ Rising
157
°C
TSDHYS
Thermal Shutdown Hysteresis
15
°C
Timing Specifications (AC Parameters)
tRISE
Output Turn-on Rise Time
(6)
RLOAD = 10Ω; COUT = 1µF
700
µs
tFALL
Output Turn-off Fall Time
(6)
VEN = OFF; RLOAD = 10Ω; COUT = 1µF
32
µs
tON_DLY
Output Turn-on Delay
(6)
RLOAD = 10Ω; COUT = 1µF
700
µs
tOFF_DLY
Output Turn-off Delay
(6)
RLOAD = 10Ω; COUT = 1µF
5
µs
tSC_RESP
Short Circuit Response
Time
(6)
VOUT = 0V (short circuit)
10
µs
tFAULT/
Over-current Fault Response
Delay Time
(6)
16
32
49
ms
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
Devices are ESD sensitive. Handling precautions recommended. Human body model (HBM), 1.5kΩ in series with 100pF.
3.
The device is not guaranteed to function outside its operating rating.
4.
Specification for packaged product only.
5.
Preliminary.
6.
See Timing Diagrams (Figures 1-3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com