Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC2033 Datasheet HTML 5Page - Micrel Semiconductor MIC2033 Datasheet HTML 6Page - Micrel Semiconductor MIC2033 Datasheet HTML 7Page - Micrel Semiconductor MIC2033 Datasheet HTML 8Page - Micrel Semiconductor MIC2033 Datasheet HTML 9Page - Micrel Semiconductor MIC2033 Datasheet HTML 10Page - Micrel Semiconductor MIC2033 Datasheet HTML 11Page - Micrel Semiconductor MIC2033 Datasheet HTML 12Page - Micrel Semiconductor MIC2033 Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Micrel, Inc.
MIC2033
August 2012
9
M9999-082012-A
Typical Characteristics (Continued)
Current Limit
vs. Temperature
400
450
500
550
600
-50
-25025
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-05xx
Current Limit
vs. Temperature
0
200
400
600
800
1000
1200
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-08xx
Current Limit
vs. Temperature
0.00
0.25
0.50
0.75
1.00
1.25
1.50
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-10xx
Current Limit
vs. Temperature
1.10
1.15
1.20
1.25
1.30
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
VOUT = 4V
MIC2033-12xx
VIN - VOUT
vs. Output Current
0
10
20
30
40
50
0
100
200
300
400
500
OUTPUT CURRENT (mA)
VIN = 5V
TA = 25°C
MIC2033-05xx
VIN - VOUT
vs. Output Current
0
25
50
75
100
125
0.00
0.25
0.50
0.75
1.00
1.25
OUTPUT CURRENT (A)
VIN = 5V
TA = 25°C
MIC2033-12xx
FAULT/ Pin Resistance
vs. Temperature
0
5
10
15
20
25
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
IFLAG = 10mA
FAULT/ Response Time
vs. Temperature
0
10
20
30
40
50
-50
-25
0
25
50
75
100
125
TEMPERATURE (°C)
VIN = 5V
MIC2033-xxxx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com