Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2033 Datasheet HTML 1Page - Micrel Semiconductor MIC2033 Datasheet HTML 2Page - Micrel Semiconductor MIC2033 Datasheet HTML 3Page - Micrel Semiconductor MIC2033 Datasheet HTML 4Page - Micrel Semiconductor MIC2033 Datasheet HTML 5Page - Micrel Semiconductor MIC2033 Datasheet HTML 6Page - Micrel Semiconductor MIC2033 Datasheet HTML 7Page - Micrel Semiconductor MIC2033 Datasheet HTML 8Page - Micrel Semiconductor MIC2033 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MIC2033
August 2012
3
M9999-082012-A
Pin Configuration
SOT-23 6-Lead (M6)
Top View
2mm x 2mm 6-pin Thin DFN (MT)
Top View
Notes:
1.
Thin DFN ▲ = Pin 1 identifier.
Pin Description
Pin Number
SOT-23-6L
6-pin
2mmx2mm
Thin DFN
Pin
Name
Pin Function
1
6
VIN
Input: Power switch and logic supply input.
2
5
GND
Ground: Input and output return pin.
3
4
EN
Enable (Input): Logic compatible, enable control input that allows turn-on/-off of
the switch. Do not leave the EN pin floating.
4
3
FAULT/
Fault Status Flag (Output): Active-low, open-drain output. A logic LOW state
indicates an over current or thermal shutdown condition. An over current condition
must last longer than tFAULT/ in order to assert FAULT/. A pull-up resistor (10kΩ
recommended) to an external supply is required.
5
2
CSLEW
Slew Rate Control: Adjustable soft-start input. Adding a small value capacitor from
CSLEW to VIN slows the turn-on time of the power MOSFET.
6
1
VOUT
Switch Output: Power switch output.
—
EP
ePad
Exposed Pad: Exposed pad on bottom side of package. Connect to electrical
ground for optimum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com