Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2033 Datasheet HTML 1Page - Micrel Semiconductor MIC2033 Datasheet HTML 2Page - Micrel Semiconductor MIC2033 Datasheet HTML 3Page - Micrel Semiconductor MIC2033 Datasheet HTML 4Page - Micrel Semiconductor MIC2033 Datasheet HTML 5Page - Micrel Semiconductor MIC2033 Datasheet HTML 6Page - Micrel Semiconductor MIC2033 Datasheet HTML 7Page - Micrel Semiconductor MIC2033 Datasheet HTML 8Page - Micrel Semiconductor MIC2033 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MIC2033
High-Accuracy, High-Side, Fixed
Current Limit Power Switch
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
August 2012
M9999-082012-A
General Description
The MIC2033 is a high-side MOSFET power distribution
switch providing increased system reliability utilizing 5%
current limit accuracy.
The MIC2033 has an operating input voltage range from
2.5V to 5.5V, is internally current limited and has thermal
shutdown to protect the device and system. The MIC2033
is offered with either active-high or active-low logic level
enable input controls, has an open drain fault status output
flag with a built-in 32ms delay that asserts low during over
current or thermal shutdown conditions.
The MIC2033 is available in several different fixed current
limit options:
0.5A, 0.8A, 1A, and 1.2A.
A capacitor
adjustable soft-start circuit minimizes inrush current in
applications where high capacitive loads are used.
The MIC2033 is offered in both 6-pin SOT-23 and 6-pin
2mm x 2mm thin DFN packages. The MIC2033 has an
operating junction temperature range of
40°C to +125°C.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
 ±5% current limit accuracy
 Input supply range from 2.5V to 5.5V
 Low quiescent current: 100µA typical (switch ON)
 75mΩ typical RDS(ON) at 5V
 Current limit options: 0.5A, 0.8A, 1A, and 1.2A
 Soft-start control via an external capacitor
 Undervoltage lockout (UVLO)
 Fast response time (10µs) to short circuit loads
 Fault status output flag
 Logic controlled enable (active-high, active-low)
 Thermal shutdown
 Pin compatible with MIC2005
 6-pin 2mm  2mm thin DFN and 6-pin SOT-23
packages
 Junction temperature range from 40°C to +125°C
Applications
 USB peripherals and USB 2.0/3.0 compatible
 DTV/STB
 Notebooks and consumer electronics
 General purpose power distribution
____________________________________________________________________________________________________________
Typical Application


Similar Part No. - MIC2033

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
Micrel Semiconductor
MIC2033-05AYM6 MICREL-MIC2033-05AYM6 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033-05AYM6-T5 MICROCHIP-MIC2033-05AYM6-T5 Datasheet
1Mb / 28P
High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
logo
Micrel Semiconductor
MIC2033-05AYMT MICREL-MIC2033-05AYMT Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
MIC2033-05BYM6 MICREL-MIC2033-05BYM6 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
More results

Similar Description - MIC2033

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_11 Datasheet
719Kb / 18P
Programmable Current-Limit High-Side Switch
MIC2039 MICREL-MIC2039 Datasheet
694Kb / 21P
High-Accuracy, High-Side, Adjustable Current Limit Power Switch
logo
Rohm
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
Current Limit High Side Switch ICs
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
Current Limit High Side Switch ICs
logo
Micrel Semiconductor
MIC2033 MICREL-MIC2033_15 Datasheet
701Kb / 21P
High-Accuracy, High-Side, Fixed Current Limit Power Switch
logo
Microchip Technology
MIC2033 MICROCHIP-MIC2033 Datasheet
1Mb / 28P
High-Accuracy, High-Side, Fixed Current-Limit Power Switch
09/14/21
MIC2039 MICROCHIP-MIC2039 Datasheet
2Mb / 28P
High-Accuracy, High-Side, Adjustable Current-Limit Power Switch
Revision B (May 2022)
logo
Rohm
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com