Electronic Components Datasheet Search
  English  ▼

X  

MIC2033 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2033
Description  High-Accuracy, High-Side, Fixed Current Limit Power Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2033 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2033 Datasheet HTML 1Page - Micrel Semiconductor MIC2033 Datasheet HTML 2Page - Micrel Semiconductor MIC2033 Datasheet HTML 3Page - Micrel Semiconductor MIC2033 Datasheet HTML 4Page - Micrel Semiconductor MIC2033 Datasheet HTML 5Page - Micrel Semiconductor MIC2033 Datasheet HTML 6Page - Micrel Semiconductor MIC2033 Datasheet HTML 7Page - Micrel Semiconductor MIC2033 Datasheet HTML 8Page - Micrel Semiconductor MIC2033 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Micrel, Inc.
MIC2033
August 2012
4
M9999-082012-A
Absolute Maximum Ratings(1)
VIN to GND....................................................... 0.3V to +6V
VOUT to GND ...................................................... 0.3V to VIN
VCSLEW to GND................................................. 0.3V to +6V
VEN to GND...................................................... 0.3V to +6V
VFAULT/ to GND................................................. 0.3V to +6V
FAULT/ Current (IFAULT/) ..............................................25mA
Maximum Power Dissipation (PD) .............Internally Limited
Lead Temperature (soldering, 10 sec.)...................... 260°C
Storage Temperature (TS).........................65°C to +150°C
ESD Rating
(2)
HBM......................................................................... 3kV
MM.........................................................................300V
Operating Ratings(3)
Supply Voltage (VIN)..................................... +2.5V to +5.5V
VEN, VFAULT/ ................................................... 0.3V to +5.5V
VCSLEW, VOUT ...................................................... 0.3V to VIN
Ambient Temperature Range (TA) .............. –40°C to +85°C
Junction Temperature (TJ) ........................–40°C to +125°C
Package Thermal Resistance
SOT-23-6 (
JA)..............................................177.2°C/W
6-pin 2mm
 2mm DFN (JA) .............................90°C/W
Electrical Characteristics(4)
VIN = VEN = 5V; CIN = 1µF; CCSLEW = 0.1µF; COUT = 1µF; TJ = 25°C. Bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
VIN
Input Voltage Range
2.5
5.5
V
VIN rising
2.0
2.25
2.5
V
VUVLO
Input Supply Under-voltage
Lockout Threshold
VIN falling
1.9
2.15
2.4
VUVLOHYS
Input Supply Under-voltage
Lockout Threshold Hysteresis
VIN rising or VIN falling
100
mV
Active High Enable (A): VEN = 0V,
VIN = 5V
Switch
OFF
(IOUT = 0A)
Active Low Enable (B): VEN = VIN = 5V
0.75
5
Active High Enable (A): VEN = 1.5V,
VIN = 5V
IDD
Supply Current
Switch ON
(IOUT = 0A)
Active Low Enable (B): VEN = 0V,
VIN = 5V
100
300
µA
Power MOSFET
VIN = 2.5V, IOUT = 350mA
100
177
VIN = 3.3V, IOUT = 350mA
85
145
RDS(ON)
Switch On-Resistance
VIN = 5V, IOUT = 350mA
75
125
mΩ
ILKG
Output Leakage Current
Switch Off, VOUT = 0V
0.22
15
µA
Current Limit
MIC2033-05xxxx, VOUT = 0.8 x VIN
0.475
0.50
0.525
MIC2033-55xxx, VOUT = 0.8 x VIN
(5)
0.517
0.550
0.578
MIC2033-08xxxx, VOUT = 0.8 x VIN
0.76
0.80
0.84
MIC2033-10xxxx, VOUT = 0.8 x VIN
0.95
1.00
1.05
ILIMIT
Current Limit
MIC2033-12xxxx, VOUT = 0.8 x VIN
1.14
1.20
1.26
A
I/O
Logic Low
0.5
VEN
Enable Voltage
Logic High
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com