Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC23451
Description  3MHz, 2A Triple Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23451 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC23451 Datasheet HTML 1Page - Micrel Semiconductor MIC23451 Datasheet HTML 2Page - Micrel Semiconductor MIC23451 Datasheet HTML 3Page - Micrel Semiconductor MIC23451 Datasheet HTML 4Page - Micrel Semiconductor MIC23451 Datasheet HTML 5Page - Micrel Semiconductor MIC23451 Datasheet HTML 6Page - Micrel Semiconductor MIC23451 Datasheet HTML 7Page - Micrel Semiconductor MIC23451 Datasheet HTML 8Page - Micrel Semiconductor MIC23451 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Micrel, Inc.
MIC23451
November 5, 2013
5
Revision 1.2
Typical Characteristics
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
2
3
4
5
6
INPUT VOLTAGE (V)
Current Limit
vs. Input Voltage
CH3 = 1.2V
CH2 = 1.8V
CH1 = 2.5V
0
20
40
60
80
100
120
140
160
180
2
3
4
5
6
INPUT VOLTAGE (V)
Shutdown Current
vs. Input Voltage
1.70
1.75
1.80
1.85
1.90
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
Line Regulation
(Low Loads)
IOUT = 1mA
IOUT = 20mA
IOUT = 80mA
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
0
0.03
0.06
0.09
0.12
0.15
0.18
LOAD CURRENT (A)
Output Voltage
vs. Output Current (HLL)
VOUT = 1.8V
VIN = 3V
VIN = 3.6V
VIN = 5V
1.74
1.76
1.78
1.80
1.82
1.84
-60 -40 -20 0
20 40 60 80 100 120 140
TEMPERATURE (°C)
Output Voltage
vs. Temperature
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com