Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC23451
Description  3MHz, 2A Triple Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23451 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC23451 Datasheet HTML 1Page - Micrel Semiconductor MIC23451 Datasheet HTML 2Page - Micrel Semiconductor MIC23451 Datasheet HTML 3Page - Micrel Semiconductor MIC23451 Datasheet HTML 4Page - Micrel Semiconductor MIC23451 Datasheet HTML 5Page - Micrel Semiconductor MIC23451 Datasheet HTML 6Page - Micrel Semiconductor MIC23451 Datasheet HTML 7Page - Micrel Semiconductor MIC23451 Datasheet HTML 8Page - Micrel Semiconductor MIC23451 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Micrel, Inc.
MIC23451
November 5, 2013
3
Revision 1.2
Absolute Maximum Ratings(1)
Supply Voltage (PVIN, AVIN) ..................................−0.3 to 6V
Sense (VSNS1, VSNS2, VSNS3). .................................−0.3 to 6V
Power Good (PG1, PG2, PG3) ............................−0.3 to 6V
Output Switch Voltage (VSW1, VSW2, VSW3)......... −0.3V to 6V
Enable Input Voltage (VEN1, VEN2, VEN3) ............−0.3V to VIN
Storage Temperature Range .................... −65°C to +150°C
ESD Rating(3)................................................. ESD Sensitive
Operating Ratings(2)
Supply Voltage (VIN)..................................... +2.7V to +5.5V
Enable Input Voltage (VEN1, VEN2, VEN3) ................. 0V to VIN
Output Voltage Range (VSNS1, VSNS2, VSNS3) ... +1V to +3.3V
Junction Voltage Range (TJ) ...............−40°C ≤ TJ ≤ +125°C
Thermal Resistance
26-Pin 4mm × 4mm QFN (θJA).........................+20°C/W
26-Pin 4mm × 4mm QFN (θJC) ........................+10°C/W
Electrical Characteristics(4)
TA = +25°C; VIN = VEN1, VEN2, VEN3 = 3.6V; L1 = L2 = L3 = 1µH; COUT1, COUT2, COUT3 = 4.7µF, unless otherwise specified.
Bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Supply Voltage Range
2.7
5.5
V
Undervoltage Lockout Threshold
Turn-On
2.45
2.55
2.65
V
Undervoltage Lockout Hysteresis
75
mV
Quiescent Current
IOUT = 0mA, SNS > 1.2 × VOUTNOM
65
120
µA
Per Channel Shutdown Current
VEN1, VEN2, VEN3 = 0V; VIN = 5.5V
0.1
5
µA
Output Voltage Accuracy
VIN = 3.6V if VOUT(NOM) < 2.5V, ILOAD = 20mA
−
2.5
+
2.5
%
VIN = 4.5V if VOUT(NOM) ≥ 2.5V, ILOAD = 20mA
Feedback Voltage
(VFB1, VFB2, VFB3)
0.604
0.62
0.635
V
Peak Current Limit
IOUT1, IOUT2, IOUT3
SNS1, SNS2, SNS3 = 0.9 × VOUTNOM
2.2
4.1
A
Foldback Current Limit
2.3
A
Output Voltage Line Regulation
(VOUT1, VOUT2, VOUT3)
VIN = 3.6V to 5.5V if VOUTNOM1, 2, 3 < 2.5V, ILOAD = 20mA
0.3
%/V
VIN = 4.5V to 5.5V if VOUTNOM1, 2, 3 ≥ 2.5V, ILOAD = 20mA
Output Voltage Load Regulation
(VOUT1, VOUT2, VOUT3)
DCM: 20mA < ILOAD < 130mA, VIN = 3.6V if VOUTNOM < 2.5V
0.2
%
DCM: 20mA < ILOAD < 130mA, VIN = 5.0V if VOUTNOM > 2.5V
0.4
CCM: 200mA < ILOAD < 500mA, VIN = 3.6V if VOUTNOM < 2.5V
0.6
CCM: 200mA < ILOAD < 1A, VIN = 5.0V if VOUTNOM > 2.5V
0.3
PWM Switch ON-Resistance
(RSW1, RSW2, RSW3)
ISW1, ISW2, ISW3 = +100mA (PMOS)
0.217
Ω
Maximum Frequency
IOUT1, IOUT2, IOUT3 = 120mA
3
MHz
Soft-Start Time
VOUT1, VOUT2, VOUT3 = 90%
150
µs
Power Good Threshold
% of VNOM
83
90
96
%
Power Good Hysteresis
10
%
Power Good Pull Down
VSNS = 90% VNOM, IPG = 1mA
200
mV
Notes:
1. Exceeding the absolute maximum ratings may damage the device.
2. The device is not guaranteed to function outside its operating ratings.
3. Devices are ESD sensitive. Handling precautions are recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com