Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC23451
Description  3MHz, 2A Triple Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23451 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC23451 Datasheet HTML 1Page - Micrel Semiconductor MIC23451 Datasheet HTML 2Page - Micrel Semiconductor MIC23451 Datasheet HTML 3Page - Micrel Semiconductor MIC23451 Datasheet HTML 4Page - Micrel Semiconductor MIC23451 Datasheet HTML 5Page - Micrel Semiconductor MIC23451 Datasheet HTML 6Page - Micrel Semiconductor MIC23451 Datasheet HTML 7Page - Micrel Semiconductor MIC23451 Datasheet HTML 8Page - Micrel Semiconductor MIC23451 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Micrel, Inc.
MIC23451
November 5, 2013
2
Revision 1.2
Ordering Information
Part Number
Marking
Nominal Output
Voltage
Junction Temperature
Range(1)
Package(2,3)
Lead Finish
MIC23451-AAAYFL
AAA
Adj./Adj./Adj.
–40°C to +125°C
26-Pin 4mm × 4mm QFN
Pb-Free
Notes:
1. Other options are available. Contact Micrel for details.
2. QFN is a Green, RoHS-compliant package. Lead finish is NiPdAu. Mold compound is Halogen Free.
3. QFN • = Pin 1 identifier
Pin Configuration
26-Pin 4mm × 4mm QFN (FL) − Adjustable
(Top View)
Pin Description
Pin Number
Pin Name
Pin Function
26, 4, 7
SW1, 2, 3
Switch (Output). Internal power MOSFET output switches for output 1/2/3.
21, 19, 15
EN1, 2, 3
Enable (Input). Logic high enables operation of regulator 1/2/3. Logic low will shut down the
device. Do not leave floating.
22, 18, 12
SNS1, 2, 3
Sense. Connect to VOUT1,2,3 as close to output capacitor as possible to sense output voltage.
23, 17, 14
FB1, 2, 3
Feedback. Connect a resistor divider from output 1/2/3 to ground to set the output voltage.
20, 16, 13
PG1, 2, 3
Power Good. Open-drain output for the power good indicator for output 1/2/3. Place a resistor
between this pin and a voltage source to detect a power good condition.
EP1, 24, 11
AGND
Analog Ground. Connect to quiet ground point away from high-current paths, for example, COUT,
for best operation. Must be connected externally to PGND.
25, 5, 8
PVIN1, 2, 3
Power Input Voltage. Connect a capacitor to PGND to localize loop currents and decouple
switching noise.
3, 6, 9
AVIN1, 2, 3
Analog Input Voltage. Connect a capacitor to AGND to decouple noise.
EP2, 10, 2, 1
PGND
Power Ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com