Electronic Components Datasheet Search
  English  ▼

X  

MIC23451 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC23451
Description  3MHz, 2A Triple Synchronous Buck Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23451 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC23451 Datasheet HTML 2Page - Micrel Semiconductor MIC23451 Datasheet HTML 3Page - Micrel Semiconductor MIC23451 Datasheet HTML 4Page - Micrel Semiconductor MIC23451 Datasheet HTML 5Page - Micrel Semiconductor MIC23451 Datasheet HTML 6Page - Micrel Semiconductor MIC23451 Datasheet HTML 7Page - Micrel Semiconductor MIC23451 Datasheet HTML 8Page - Micrel Semiconductor MIC23451 Datasheet HTML 9Page - Micrel Semiconductor MIC23451 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Micrel, Inc.
MIC23451
November 5, 2013
6
Revision 1.2
Typical Characteristics (Continued)
0
20
40
60
80
100
2
3
4
5
6
INPUT VOLTAGE (V)
PG Delay Time
vs. Input Voltage
PG RISING
PG FALLING
0.83
0.84
0.85
0.86
0.87
0.88
0.89
0.90
0.91
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
PG Thresholds
vs. Input Voltage
PG RISING
PG FALLING
2.47
2.49
2.51
2.53
2.55
2.57
-60 -40 -20 0
20 40 60 80 100 120 140
TEMPERATURE (°C)
UVLO Threshold
vs. Temperature
UVLO RISING
UVLO FALLING
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT VOLTAGE (V)
Enable Threshold
vs. Input Voltage
TAMB = 25°C
0.5
0.6
0.7
0.8
0.9
1.0
-60 -40 -20
0
20
40
60
80 100 120
TEMPERATURE (°C)
Enable Threshold vs.
Temperature
VIN = 3.6V
0.1
1
10
100
1000
10000
0.0001
0.001
0.01
0.1
1
10
OUTPUT CURRENT (A)
Switching Frequency
vs. Load Current
VOUT = 1.8V
VIN = 5V
VIN = 3V
VIN = 3.6V
0.600
0.605
0.610
0.615
0.620
0.625
0.630
0.635
0.640
-60 -40 -20 0
20 40 60 80 100 120 140
TEMPERATURE (°C)
VFB
vs. Temperature
VIN=2.7V
VIN = 5.5V
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com