Electronic Components Datasheet Search
  English  ▼

X  

MIC45205 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC45205
Description  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC45205 Datasheet HTML 1Page - Micrel Semiconductor MIC45205 Datasheet HTML 2Page - Micrel Semiconductor MIC45205 Datasheet HTML 3Page - Micrel Semiconductor MIC45205 Datasheet HTML 4Page - Micrel Semiconductor MIC45205 Datasheet HTML 5Page - Micrel Semiconductor MIC45205 Datasheet HTML 6Page - Micrel Semiconductor MIC45205 Datasheet HTML 7Page - Micrel Semiconductor MIC45205 Datasheet HTML 8Page - Micrel Semiconductor MIC45205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
MIC45205-1/-2
26V/6A DC-to-DC Power Module
General Description
Micrel’s MIC45205 is a synchronous step-down regulator
module, featuring a unique adaptive ON-time control
architecture.
The
module
incorporates
a
DC-to-DC
controller, power MOSFETs, bootstrap diode, bootstrap
capacitor, and an inductor in a single package; simplifying
the design and layout process for the end user.
This highly-integrated solution expedites system design
and
improves
product
time-to-market.
The
internal
MOSFETs and inductor are optimized to achieve high
efficiency at a low output voltage. The fully-optimized
design can deliver up to 6A current under a wide input
voltage range of 4.5V to 26V, without requiring additional
cooling.
The MIC45205-1 uses Micrel’s HyperLight Load
® (HLL)
MIC45205-2
uses
Micrel’s
Hyper
Speed
Control™
architecture
which
enables
ultra-fast
load
transient
response, allowing for a reduction of output capacitance.
The MIC45205 offers 1% output accuracy that can be
adjusted from 0.8V to 5.5V with two external resistors.
Additional features include thermal shutdown protection,
input undervoltage lockout, adjustable current limit, and
short circuit protection. The MIC45205 allows for safe
start-up into a pre-biased output.
Datasheet and other support documentation can be found
on Micrel’s web site at: www.micrel.com.
Features
• No compensation required
• Up to 6A output current
• >93% peak efficiency
• Output voltage: 0.8V to 5.5V with ±1% accuracy
• Adjustable switching frequency from 200kHz to 600kHz
• Enable input and open-drain power good output
• Hyper Speed Control (MIC45205-2) architecture
enables fast transient response
• HyperLight Load (MIC45205-1) improves light load
efficiency
• Supports safe startup into pre-biased output
• CISPR22, Class B compliant
• –40°C to +125°C junction temperature range
• Thermal-shutdown protection
• Short-circuit protection with hiccup mode
• Adjustable current limit
• Available in 52-pin 8mm × 8mm × 3mm QFN package
Applications
• High power density point-of-load conversion
• Servers, routers, Networking, and base stations
• FPGAs, DSP, and low-voltage ASIC power supplies
• Industrial and medical equipment
Typical Application
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
OUTPUT CURRENT (A)
Efficiency (V
IN = 12V)
vs. Output Current (MIC45205-1)
f
SW = 600kHz
1.8V
OUT
5.0V
OUT
1.2V
OUT
1.5V
OUT
0.8V
OUT
1.0V
OUT
2.5V
OUT
3.3V
OUT
Hyper Speed Control is a trademark of Micrel, Inc.
HyperLight Load is a registered trademark of Micrel, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 15, 2014
Revision 1.0


Similar Part No. - MIC45205

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
MIC45205-1YMP-T1 MICROCHIP-MIC45205-1YMP-T1 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
MIC45205-1YMP-TR MICROCHIP-MIC45205-1YMP-TR Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
MIC45205-2YMP-T1 MICROCHIP-MIC45205-2YMP-T1 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
MIC45205-2YMP-TR MICROCHIP-MIC45205-2YMP-TR Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results

Similar Description - MIC45205

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC45208 MICREL-MIC45208 Datasheet
2Mb / 31P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212 Datasheet
2Mb / 31P
26V/14A DC-to-DC Power Module
MIC45208-1 MICREL-MIC45208-1 Datasheet
2Mb / 35P
26V 10A DC-to-DC Power Module
MIC45212 MICREL-MIC45212_15 Datasheet
3Mb / 35P
26V/14A DC-to-DC Power Module
MIC45205 MICREL-MIC45205_15 Datasheet
2Mb / 35P
26V/6A DC-to-DC Power Module
logo
Microchip Technology
MIC45212-1 MICROCHIP-MIC45212-1 Datasheet
1Mb / 37P
26V, 14A DC-to-DC Power Module
10/25/17
logo
Micrel Semiconductor
MIC45116 MICREL-MIC45116 Datasheet
726Kb / 8P
20V/6A/DC-to-DC Power Module
logo
Microchip Technology
MIC45208-1 MICROCHIP-MIC45208-1 Datasheet
5Mb / 36P
26V, 10A DC-to-DC Power Module
09/14/21
MIC45116 MICROCHIP-MIC45116_V01 Datasheet
5Mb / 42P
20V/6A DC/DC Power Module
Rev. B April 2022
MIC45205 MICROCHIP-MIC45205 Datasheet
3Mb / 40P
26V/6A DC/DC Power Module
Revision B (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com