Electronic Components Datasheet Search
  English  ▼

X  

MIC45205 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC45205
Description  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC45205 Datasheet HTML 1Page - Micrel Semiconductor MIC45205 Datasheet HTML 2Page - Micrel Semiconductor MIC45205 Datasheet HTML 3Page - Micrel Semiconductor MIC45205 Datasheet HTML 4Page - Micrel Semiconductor MIC45205 Datasheet HTML 5Page - Micrel Semiconductor MIC45205 Datasheet HTML 6Page - Micrel Semiconductor MIC45205 Datasheet HTML 7Page - Micrel Semiconductor MIC45205 Datasheet HTML 8Page - Micrel Semiconductor MIC45205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
Micrel, Inc.
MIC45205
Pin Description
MIC45205
Pin Number
Pin Name
Pin Function
1
GND
Analog Ground. Connect bottom feedback resistor to GND. GND and PGND should be
connected together at a low impedance point.
2, 3
5VDD
Internal +5V Linear Regulator Output. Powered by VIN, 5VDD is the internal supply bus for the
device. In the applications with VIN<+5.5V, 5VDD should be tied to VIN to by-pass the linear
regulator.
4, 5
PVDD
PVDD. Supply input for the internal low-side power MOSFET driver.
6, 7, 8, 45, 52
PGND
Power Ground. PGND is the return path for the step-down power module power stage. The
PGND pin connects to the sources of internal low-side power MOSFET, the negative terminals of
input capacitors, and the negative terminals of output capacitors.
9 - 12,
30 - 35
SW
The SW pin connects directly to the switch node. Due to the high-speed switching on this pin, the
SW pin should be routed away from sensitive nodes. The SW pin also senses the current by
monitoring the voltage across the low-side MOSFET during OFF time.
13 -19
PVIN
Power Input Voltage. Connection to the drain of the internal high side power MOSFET. Connect
an input capacitor from PVIN to PGND.
20 - 29
VOUT
Output Voltage. Connected to the internal inductor, the output capacitor should be connected
from this pin to PGND as close to the module as possible.
36 - 38
RIA
Ripple Injection Pin A. Leave floating, no connection.
39
RIB
Ripple Injection Pin B. Connect this pin to FB.
40, 41
ANODE
Anode Bootstrap Diode. Anode connection of internal bootstrap diode, this pin should be
connected to the PVDD pin.
42 - 44
BST
Connection to the internal bootstrap circuitry and high-side power MOSFET drive circuitry. Leave
floating, no connection.
46
FB
Feedback. Input to the transconductance amplifier of the control loop. The FB pin is referenced to
0.8V. A resistor divider connecting the feedback to the output is used to set the desired output
voltage. Connect the bottom resistor from FB to GND.
47
PG
Power Good. Open Drain Output. If used, connect to an external pull-up resistor of at least
10kohm between PG and the external bias voltage.
48
EN
Enable. A logic signal to enable or disable the step-down regulator module operation. The EN pin
is TTL/CMOS compatible. Logic high = enable, logic low = disable or shutdown. EN pin has an
internal 1M
Ω (typical) pull-down resistor to GND. Do not leave floating
49
VIN
Internal 5V Linear Regulator Input.
A 1μF ceramic capacitor from VIN to GND is required for
decoupling.
50
FREQ
Switching Frequency Adjust. Use a resistor divider from VIN to GND to program the switching
frequency. Connecting FREQ to VIN sets frequency = 600kHz.
51
ILIM
Current Limit. Connect a resistor between ILIM and SW to program the current limit.
April 15, 2014
3
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com