Electronic Components Datasheet Search
  English  ▼

X  

MIC45205 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC45205
Description  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC45205 Datasheet HTML 11Page - Micrel Semiconductor MIC45205 Datasheet HTML 12Page - Micrel Semiconductor MIC45205 Datasheet HTML 13Page - Micrel Semiconductor MIC45205 Datasheet HTML 14Page - Micrel Semiconductor MIC45205 Datasheet HTML 15Page - Micrel Semiconductor MIC45205 Datasheet HTML 16Page - Micrel Semiconductor MIC45205 Datasheet HTML 17Page - Micrel Semiconductor MIC45205 Datasheet HTML 18Page - Micrel Semiconductor MIC45205 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Micrel, Inc.
MIC45205
Figure 4. MIC45205-1 Control Loop Timing
(Discontinuous Mode)
During discontinuous mode, the bias current of most
circuits is substantially reduced. As a result, the total
power supply current during discontinuous mode is only
about 350µA, allowing the MIC45205-1 to achieve high
efficiency in light load applications.
Soft-Start
Soft-start reduces the input power supply surge current at
startup by controlling the output voltage rise time. The
input surge appears while the output capacitor is charged
up.
The MIC45205 implements an internal digital soft-start by
making the 0.8V reference voltage VREF ramp from 0 to
100% in about 5ms with 9.7mV steps. Therefore, the
output voltage is controlled to increase slowly by a stair-
case VFB ramp. Once the soft-start cycle ends, the related
circuitry is disabled to reduce current consumption.
PVDD must be powered up at the same time or after VIN
to make the soft-start function correctly.
Current Limit
The MIC45205 uses the RDS(ON) of the low-side MOSFET
and external resistor connected from ILIM pin to SW
node to set the current limit.
Figure 5. MIC45205 Current-Limiting Circuit
In each switching cycle of the MIC45205, the inductor
current is sensed by monitoring the low-side MOSFET in
the OFF period. The sensed voltage VILIM is compared
with the power ground (PGND) after a blanking time of
150ns. In this way the drop voltage over the resistor R15
(VCL) is compared with the drop over the bottom FET
generating the short current limit. The small capacitor
(C15) connected from ILIM pin to PGND filters the
switching node ringing during the off-time allowing a
better
short-limit
measurement.
The
time
constant
created by R15 and C6 should be much less than the
minimum off time.
The VCL drop allows programming of short limit through
the value of the resistor (R15). If the absolute value of the
voltage drop on the bottom FET becomes greater than
VCL, and the VILIM falls below PGND, an overcurrent is
triggered causing the IC to enter hiccup mode. The
hiccup sequence including the soft-start reduces the
stress on the switching FETs and protects the load and
supply for severe short conditions.
The short-circuit current limit can be programmed by
using Equation 3.
( )
CL
CL
)
ON
(
DS
PP
L
CLIM
I
V
R
)
5
.
0
I
I
(
R15
+
×
×
∆
−
=
Eq. 3
Where:
ICLIM = Desired current limit
RDS(ON) = On-resistance of low-side power MOSFET,
16
mΩ typically.
VCL = Current-limit threshold (typical absolute value is
14mV per the Electrical Characteristics table).
ICL = Current-limit source current (typical value is 70µA,
per the Electrical Characteristics table).
April 15, 2014
15
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com