Electronic Components Datasheet Search
  English  ▼

X  

MIC45205 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC45205
Description  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC45205 Datasheet HTML 1Page - Micrel Semiconductor MIC45205 Datasheet HTML 2Page - Micrel Semiconductor MIC45205 Datasheet HTML 3Page - Micrel Semiconductor MIC45205 Datasheet HTML 4Page - Micrel Semiconductor MIC45205 Datasheet HTML 5Page - Micrel Semiconductor MIC45205 Datasheet HTML 6Page - Micrel Semiconductor MIC45205 Datasheet HTML 7Page - Micrel Semiconductor MIC45205 Datasheet HTML 8Page - Micrel Semiconductor MIC45205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Micrel, Inc.
MIC45205
Absolute Maximum Ratings
(2)
VPVIN, VVIN to PGND ....................................... −0.3V to +30V
VPVDD, V5VDD, VANODE to PGND ........................ −0.3V to +6V
VSW, VFREQ, VILIM, VEN to PGND ............ −0.3V to (VIN +0.3V)
VBST to VSW ........................................................ −0.3V to 6V
VBST to PGND .................................................. −0.3V to 36V
VPG to PGND .................................. −0.3V to (5VDD + 0.3V)
VFB, VRIB to PGND .......................... −0.3V to (5VDD + 0.3V)
PGND to GND ..............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS)......................... −65°C to +150°C
Lead Temperature (soldering, 10s)............................ 260°C
Operating Ratings
(3)
Supply Voltage (VPVIN, VVIN) .............................. 4.5V to 26V
Output Current ................................................................. 6A
Enable Input (VEN) .................................................. 0V to VIN
Power Good (VPG) ............................................. 0V to 5VDD
Junction Temperature (TJ) ........................ −40°C to +125°C
Junction Thermal Resistance
(4)
8mm × 8mm × 3mm QFN-52 (
θ
JA) ................ 21.7°C/W
8mm × 8mm × 3mm QFN-52 (
θ
JC) .................. 5.0°C/W
Electrical Characteristics
(5)
VIN = VEN = 12V, VOUT = 3.3V, VBST − VSW = 5V, TJ = +25ºC. Bold values indicate −40ºC < TJ < +125ºC, unless otherwise noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Supply Input
Input Voltage Range (VPVIN, VIN)
4.5
26
V
Quiescent Supply Current
(MIC45205-1)
VFB = 1.5V
0.35
0.75
mA
Quiescent Supply Current
(MIC45205-2)
VFB = 1.5V
2.1
3
mA
Operating Current
VPVIN = VIN = 12V, VOUT = 1.8V, IOUT = 0A
fSW = 600kHz (MIC45205-2)
31
mA
Shutdown Supply Current
SW = unconnected, VEN = 0V
0.1
10
µA
5VDD Output
5VDD Output Voltage
VIN = 7V to 26V, I5VDD = 10mA
4.8
5.1
5.4
V
5VDD UVLO Threshold
V5VDD rising
3.8
4.2
4.6
V
5VDD UVLO Hysteresis
V5VDD falling
400
mV
LDO Load Regulation
I5VDD = 0 to 40mA
0.6
2
3.6
%
Reference
Feedback Reference Voltage
TJ = 25°C
0.792
0.8
0.808
V
−40°C
≤ TJ ≤ 125°C
0.784
0.8
0.816
FB Bias Current
VFB = 0.8V
5
500
nA
Notes:
2.
Exceeding the absolute maximum rating may damage the device.
3.
The device is not guaranteed to function outside operating range.
4.
θ
JA and θJC were measured using the MIC45205 evaluation board.
5.
Specification for packaged product only.
April 15, 2014
4
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com