Electronic Components Datasheet Search
  English  ▼

X  

MIC45205 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC45205
Description  26V/6A DC-to-DC Power Module
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC45205 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC45205 Datasheet HTML 1Page - Micrel Semiconductor MIC45205 Datasheet HTML 2Page - Micrel Semiconductor MIC45205 Datasheet HTML 3Page - Micrel Semiconductor MIC45205 Datasheet HTML 4Page - Micrel Semiconductor MIC45205 Datasheet HTML 5Page - Micrel Semiconductor MIC45205 Datasheet HTML 6Page - Micrel Semiconductor MIC45205 Datasheet HTML 7Page - Micrel Semiconductor MIC45205 Datasheet HTML 8Page - Micrel Semiconductor MIC45205 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Micrel, Inc.
MIC45205
Ordering Information
(1)
Part Number
Switching
Frequency
Features
Junction
Temperature
Range
Package
Lead
Finish
MIC45205-1YMP
200kHz to 600kHz
Hyper Light Load
–40°C to +125°C
52-pin
8mm × 8mm × 3mm QFN
Pb-Free
MIC45205-2YMP
200kHz to 600kHz
Hyper Speed Control
–40°C to +125°C
52-pin
8mm × 8mm × 3mm QFN
Pb-Free
Note:
1.
Devices are ESD sensitive. Handling precautions are recommended.
Pin Configuration
52-Pin 8mm × 8mm × 3mm QFN
(Top View)
April 15, 2014
2
Revision 1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com