Electronic Components Datasheet Search
  English  ▼

X  

EL2045CS Datasheet(PDF) 5 Page - Elantec Semiconductor

Part # EL2045CS
Description  Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2045CS Datasheet(HTML) 5 Page - Elantec Semiconductor

  EL2045CS Datasheet HTML 1Page - Elantec Semiconductor EL2045CS Datasheet HTML 2Page - Elantec Semiconductor EL2045CS Datasheet HTML 3Page - Elantec Semiconductor EL2045CS Datasheet HTML 4Page - Elantec Semiconductor EL2045CS Datasheet HTML 5Page - Elantec Semiconductor EL2045CS Datasheet HTML 6Page - Elantec Semiconductor EL2045CS Datasheet HTML 7Page - Elantec Semiconductor EL2045CS Datasheet HTML 8Page - Elantec Semiconductor EL2045CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
EL2045C
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
Typical Performance Curves
(TA e 25 C Rf e 1kX Cf e 3 pF RL e 1000X AV ea2 unless otherwise specified)
Frequency Response
Non-Inverting
Inverting Frequency Response
Various Load Resistances
Frequency Response for
Phase vs Frequency
Open-Loop Gain and
vs Frequency
Output Voltage Swing
Equivalent Input Noise
Output Resistance vs Frequency
CMRR PSRR and Closed-Loop
Distortion vs Frequency
2nd and 3rd Harmonic
Output Voltage Change
Settling Time vs
Supply Voltage
Supply Current vs
vs Supply Voltage
Common-Mode Input Range
vs Supply Voltage
Output Voltage Range
2045 – 3
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com