Electronic Components Datasheet Search
  English  ▼

X  

EL2045CS Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL2045CS
Description  Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2045CS Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL2045CS Datasheet HTML 1Page - Elantec Semiconductor EL2045CS Datasheet HTML 2Page - Elantec Semiconductor EL2045CS Datasheet HTML 3Page - Elantec Semiconductor EL2045CS Datasheet HTML 4Page - Elantec Semiconductor EL2045CS Datasheet HTML 5Page - Elantec Semiconductor EL2045CS Datasheet HTML 6Page - Elantec Semiconductor EL2045CS Datasheet HTML 7Page - Elantec Semiconductor EL2045CS Datasheet HTML 8Page - Elantec Semiconductor EL2045CS Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
EL2045C
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1992 Elantec Inc
Features
 100 MHz gain-bandwidth
product
 Gain-of-2 stable
 Low supply current
e
52 mA at VS e g15V
 Wide supply range
e g
2V to g18V dual-supply
e
25V to 36V single-supply
 High slew rate e 275 V ms
 Fast settling e 80 ns to 01% for
a 10V step
 Low differential gain e 002% at
AV ea2 RL e 150X
 Low differential phase e 007 at
AV ea2 RL e 150X
 Stable with unlimited capacitive
load
 Wide output voltage swing
e g
136V with VS e g15V
RL e 1000X
e
38V03V with VS ea5V
RL e 500X
Applications
 Video amplifier
 Single-supply amplifier
 Active filtersintegrators
 High-speed sample-and-hold
 High-speed signal processing
 ADCDAC buffer
 PulseRF amplifier
 Pin diode receiver
 Log amplifier
 Photo multiplier amplifier
 Difference amplifier
Ordering Information
Part No
Temp Range
Package
Outline
EL2045CN
0 Cto a75 C
8-Pin P-DIP
MDP0031
EL2045CS
0 Cto a75 C
8-Lead SO
MDP0027
General Description
The EL2045C is a high speed low power low cost monolithic
operational amplifier built on Elantec’s proprietary comple-
mentary bipolar process The EL2045C is gain-of-2 stable and
features a 275 V
ms slew rate and 100 MHz gain-bandwidth
product while requiring only 52 mA of supply current
The power supply operating range of the EL2045C is from
g
18V down to as little as g2V For single-supply operation
the EL2045C operates from 36V down to as little as 25V The
excellent power supply operating range of the EL2045C makes
it an obvious choice for applications on a single a5V or a3V
supply
The EL2045C also features an extremely wide output voltage
swing of g136V with VS e g15V and RL e 1000X At g5V
output voltage swing is a wide g38V with RL e 500X and
g
32V with RL e 150X Furthermore for single-supply opera-
tion at a5V output voltage swing is an excellent 03V to 38V
with RL e 500X
At a gain of a2 the EL2045C has a b3 dB bandwidth of
100 MHz with a phase margin of 50
It can drive unlimited
load capacitance and because of its conventional voltage-feed-
back topology the EL2045C allows the use of reactive or non-
linear elements in its feedback network This versatility com-
bined with low cost and 75 mA of output-current drive makes
the EL2045C an ideal choice for price-sensitive applications re-
quiring low power and high speed
Connection Diagram
DIP and SO Package
2045 – 1


Similar Part No. - EL2045CS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2045CS INTERSIL-EL2045CS Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
logo
Renesas Technology Corp
EL2045CS RENESAS-EL2045CS Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045CS-T13 INTERSIL-EL2045CS-T13 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
logo
Renesas Technology Corp
EL2045CS-T13 RENESAS-EL2045CS-T13 Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Intersil Corporation
EL2045CS-T7 INTERSIL-EL2045CS-T7 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
More results

Similar Description - EL2045CS

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2044C ELANTEC-EL2044C Datasheet
414Kb / 13P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2074C ELANTEC-EL2074C Datasheet
400Kb / 12P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
EL2075C ELANTEC-EL2075C Datasheet
466Kb / 11P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
logo
Intersil Corporation
EL2045 INTERSIL-EL2045 Datasheet
279Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
February 11, 2005
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
August 16, 2004
EL2074 INTERSIL-EL2074 Datasheet
227Kb / 10P
400MHz GBWP Gain-of-2 Stable Operational Amplifier
September 26, 2001
EL2075 INTERSIL-EL2075 Datasheet
174Kb / 8P
2GHz GBWP Gain-of-10 Stable Operational Amplifier
September 26, 2001
logo
Renesas Technology Corp
EL2045 RENESAS-EL2045 Datasheet
687Kb / 10P
Low-Power 100MHz Gain-of-2 Stable Operational Amplifier
logo
Texas Instruments
OPA607 TI1-OPA607 Datasheet
562Kb / 21P
OPA607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
OPA607 TI1-OPA607_V01 Datasheet
915Kb / 28P
OPAX607 50-MHz, Low-Power, Gain of 6-V/V Stable, Rail-to-Rail Output CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com