Electronic Components Datasheet Search
  English  ▼

X  

EL2045CS Datasheet(PDF) 9 Page - Elantec Semiconductor

Part # EL2045CS
Description  Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2045CS Datasheet(HTML) 9 Page - Elantec Semiconductor

Back Button EL2045CS Datasheet HTML 4Page - Elantec Semiconductor EL2045CS Datasheet HTML 5Page - Elantec Semiconductor EL2045CS Datasheet HTML 6Page - Elantec Semiconductor EL2045CS Datasheet HTML 7Page - Elantec Semiconductor EL2045CS Datasheet HTML 8Page - Elantec Semiconductor EL2045CS Datasheet HTML 9Page - Elantec Semiconductor EL2045CS Datasheet HTML 10Page - Elantec Semiconductor EL2045CS Datasheet HTML 11Page - Elantec Semiconductor EL2045CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EL2045C
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
Burn-In Circuit
2045 – 10
All Packages Use the Same Schematic
Applications Information
Product Description
The EL2045C is a low-power wideband gain-of-2
stable monolithic operational amplifier built on
Elantec’s proprietary high-speed complementary
bipolar process The EL2045C uses a classical
voltage-feedback topology which allows it to be
used in a variety of applications where current-
feedback amplifiers are not appropriate because
of restrictions placed upon the feedback element
used with the amplifier The conventional topolo-
gy of the EL2045C allows for example a capaci-
tor to be placed in the feedback path making it
an excellent choice for applications such as active
filters sample-and-holds or integrators Similar-
ly because of the ability to use diodes in the feed-
back network the EL2045C is an excellent choice
for applications such as fast log amplifiers
Single-Supply Operation
The EL2045C has been designed to have a wide
input and output voltage range This design also
makes the EL2045C an excellent choice for sin-
gle-supply operation Using a single positive sup-
ply
the lower input voltage range is within
100 mV of ground (RL e 500X) and the lower
output voltage range is within 300 mV of ground
Upper input voltage range reaches 42V and out-
put voltage range reaches 38V with a 5V supply
and RL e 500X This results in a 35V output
swing on a single 5V supply This wide output
voltage range also allows single-supply operation
with a supply voltage as high as 36V or as low as
25V On a single 25V supply the EL2045C still
has 1V of output swing
Gain-Bandwidth Product and the b3dB
Bandwidth
The EL2045C has a gain-bandwidth product of
100 MHz while using only 52 mA of supply cur-
rent For gains greater than 4 its closed-loop
b
3 dB bandwidth is approximately equal to the
gain-bandwidth product divided by the noise
gain of the circuit For gains less than 4 higher-
order poles in the amplifier’s transfer function
contribute to even higher closed loop band-
widths For example the EL2045C has a b3dB
bandwidth of 100 MHz at a gain of a2 dropping
to 20 MHz at a gain of a5 It is important to
note that the EL2045C has been designed so that
this ‘‘extra’’ bandwidth in low-gain applications
does not come at the expense of stability As seen
in the typical performance curves the EL2045C
in a gain of a2 only exhibits 10 dB of peaking
with a 1000
X load
Video Performance
An industry-standard method of measuring the
video distortion of a component such as the
EL2045C is to measure the amount of differential
gain (dG) and differential phase (dP) that it in-
troduces
To
make
these
measurements
a
0286 VPP (40 IRE) signal is applied to the device
with 0V DC offset (0 IRE) at either 358 MHz for
NTSC or 443 MHz for PAL A second measure-
ment is then made at 0714V DC offset (100
IRE)
Differential gain is a measure of the
change in amplitude of the sine wave and is mea-
sured in percent Differential phase is a measure
of the change in phase and is measured in de-
grees
For signal transmission and distribution a back-
terminated cable (75
X in series at the drive end
and 75
X to ground at the receiving end) is pre-
ferred since the impedance match at both ends
will absorb any reflections However when dou-
ble termination is used the received signal is
halved therefore a gain of 2 configuration is typi-
cally used to compensate for the attenuation
The EL2045C has been designed as an economi-
cal solution for applications requiring low video
distortion It has been thoroughly characterized
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com