Electronic Components Datasheet Search
  English  ▼

X  

EL2045CS Datasheet(PDF) 7 Page - Elantec Semiconductor

Part # EL2045CS
Description  Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2045CS Datasheet(HTML) 7 Page - Elantec Semiconductor

Back Button EL2045CS Datasheet HTML 3Page - Elantec Semiconductor EL2045CS Datasheet HTML 4Page - Elantec Semiconductor EL2045CS Datasheet HTML 5Page - Elantec Semiconductor EL2045CS Datasheet HTML 6Page - Elantec Semiconductor EL2045CS Datasheet HTML 7Page - Elantec Semiconductor EL2045CS Datasheet HTML 8Page - Elantec Semiconductor EL2045CS Datasheet HTML 9Page - Elantec Semiconductor EL2045CS Datasheet HTML 10Page - Elantec Semiconductor EL2045CS Datasheet HTML 11Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EL2045C
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
Typical Performance Curves
(TA e 25 C Rf e 1kX Cf e 3 pF RL e 1000X AV ea2 unless otherwise specified)
Contd
Short-Circuit Current
vs Temperature
Gain-Bandwidth Product
vs Load Capacitance
Overshoot vs
Load Capacitance
2045 – 5
Small-Signal
Step Response
2045 – 6
Large-Signal
Step Response
2045 – 7
Offset at 358 MHz
Phase vs DC Input
Differential Gain and
Offset at 443 MHz
Phase vs DC Input
Differential Gain and
150X Loads at 358 MHz
Phase vs Number of
Differential Gain and
150X Loads at 443 MHz
Phase vs Number of
Differential Gain and
vs Ambient Temperature
Maximum Power Dissipation
8-Pin Plastic DIP
vs Ambient Temperature
Maximum Power Dissipation
8-Lead SO
2045 – 8
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com