Electronic Components Datasheet Search
  English  ▼

X  

EL2045CS Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL2045CS
Description  Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2045CS Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL2045CS Datasheet HTML 4Page - Elantec Semiconductor EL2045CS Datasheet HTML 5Page - Elantec Semiconductor EL2045CS Datasheet HTML 6Page - Elantec Semiconductor EL2045CS Datasheet HTML 7Page - Elantec Semiconductor EL2045CS Datasheet HTML 8Page - Elantec Semiconductor EL2045CS Datasheet HTML 9Page - Elantec Semiconductor EL2045CS Datasheet HTML 10Page - Elantec Semiconductor EL2045CS Datasheet HTML 11Page - Elantec Semiconductor EL2045CS Datasheet HTML 12Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
EL2045C
Low-Power 100 MHz Gain-of-2 Stable Operational Amplifier
EL2045C Macromodel
Contd
Connections
a
input
Models
l
b
input
model qn npn(ise800Eb18 bfe200 tfe02nS)
ll
a
Vsupply
model qpa pnp(ise864Eb18 bfe100 tfe02nS)
lll
b
Vsupply
model qp pnp(ise800Eb18 bfe125 tfe02nS)
llll
output
ends
lllll
subckt M2045
3
2746
Input stage
ie 7 37 09mA
r6 36 37 400
r7 38 37 400
rc1 4 30 850
rc2 4 39 850
q1 30336qp
q2 39 2 38 qpa
ediff 33 0 39 30 10
rdiff 33 0 1Meg
Compensation Section
ga0343301m
rh 34 0 2Meg
ch 34 0 15pF
rc 34 40 1K
cc 40 0 1pF
Poles
ep 4104001
rpa 41 42 200
cpa 42 0 2pF
rpb 42 43 200
cpb 43 0 2pF
Output Stage
ios1 7 50 10mA
ios2 51 4 10mA
q344350qp
q474351qn
q575052qn
q645153qp
ros1 52 6 25
ros265325
Power Supply Current
ips 7 4 27mA
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com