| Electronic Components Datasheet Search |
|
EM73201CP Datasheet(PDF) 3 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73201CP Datasheet(HTML) 3 Page - ELAN Microelectronics Corp |
|
3 / 30 page ![]() 3 * This specification are subject to be changed without notice. EM73201 4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT Preliminary 7.20.1999 VDD Power supply (+) Vss Power supply (-) RESET RESET-A System reset input signal, low active mask option: none pull-up XIN/CLK OSC-A/OSC-C Crystal/RC or external clock source connecting pin XOUT/NC OSC-A Crystal connecting pin or NC for RC osc. type P(0..3)/WAKEUP0..3 INPUT-C 4-bit input port with Sleep/Hold releaseing func tion mask option : none pull-up pull-down P1.0/CLKOUT OUTPUT-B 1-bit high current output pin for LED driving or clock output for infrared signal mask option : open-drain, normal sink open-drain, high sink normal source, normal sink normal source, high sink P1(1..3) OUTPUT-A 3-bit high current output pin for LED driving mask option : open-drain, normal sink open-drain, high sink normal source, normal sink normal source, high sink P7(0..3) I/O-U 4-bit bidirection I/O port mask option : open-drain, normal sink low source, normal sink normal source, normal sink normal source, high sink high source, high sink P8.0/INT1,P8.2/INT0 I/O-W 2-bit bidirection I/O pins with external interrupt sources input mask option : open-drain, normal sink low source, normal sink normal source, normal sink normal source, high sink high source, high sink P8.3/TRGA I/O-V 1-bit bidirection I/O pin with timer/counter A external input mask option : open-drain, normal sink low source, normal sink normal source, normal sink normal source, high sink high source, high sink P8.1 I/O-W 1-bit bidirection I/O pin mask option : open-drain, normal sink low source, normal sink normal source, normal sink normal source, high sink high source, high sink PIN DESCRIPTIONS Symbol Pin- Type Function |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |