Electronic Components Datasheet Search
  English  ▼

X  

EM73201CP Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM73201CP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201CP Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM73201CP Datasheet HTML 1Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 2Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 3Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 4Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 5Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 6Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 7Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 8Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4
* This specification are subject to be changed without notice.
7.20.1999
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
FUNCTION DESCRIPTIONS
PROGRAM ROM ( 2K X 8 bits )
2 K x 8 bits program ROM contains user's program and some fixed data .
The basic structure of program ROM can be divided into 5 parts.
1. Address 000h: Reset start address.
2. Address 002h - 00Ch: 4 kinds of interrupt service rountine entry addresses .
3. Address 00Eh-086h : SCALL subroutine entry address, only available at 00Eh,016h,01Eh,026h, 02Eh,
036h, 03Eh, 046h, 04Eh, 056h, 05Eh, 066h, 06Eh, 076h ,07Eh, 086h .
4. Address 000h - 7FFh : LCALL subroutine entry address
5. Address 7E0h - 7FFh : The data region for 5-to-8 bits data conversion table .
6. Address 000h - 7FFh : Except used as above function, the other region can be used as user's program region.
address
2048 x 8 bits
000h
Reset start address
002h
INT0; External interrupt service routine entry address
004h
006h
TRGA, Timer/counterA interrupt service routine entry address
008h
00Ah
TBI; Time base interrupt service routine entry address
00Ch
INT1; External interrupt service routine entry address
00Eh
086h
7FFh
User's program and fixed data are stored in the program ROM. User's program is according the PC value
to send next executed instruction code. Fixed data can be read out by two ways.
(1) Table-look-up instruction:
Table-look-up instruction is depended on the Data Pointer ( DP ) to indicate to ROM address, then to get
the ROM code data.
LDAX
Acc ←
← ROM[DP]
L
LDAXI
Acc ←
← ROM[DP]
H,DP+1
DP is a 12-bit data register which can store the program ROM address to be the pointer for the ROM
code data. First, user load ROM address into DP by instruction "STADPL, STADPM, STADPH",
then user can get the lower nibble of ROM code data by instruction "LDAX" and higher nibble by
instruction "LDAXI".
PROGRAM EXAMPLE: Read out the ROM code of address 777h by table-look-up instruction.
LDIA #07h;
STADPL
; [DP]
L ← 07h
STADPM ; [DP]
M ← 07h
STADPH
; [DP]
H ← 07h, Load DP=777h
:
LDL #00h;
LDH #03h;
LDAX
; ACC ← 6h
..
.
..
.
SCALL, subroutine call entry address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com