Electronic Components Datasheet Search
  English  ▼

X  

EM73201CP Datasheet(PDF) 1 Page - ELAN Microelectronics Corp

Part # EM73201CP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201CP Datasheet(HTML) 1 Page - ELAN Microelectronics Corp

  EM73201CP Datasheet HTML 1Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 2Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 3Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 4Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 5Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 6Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 7Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 8Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
GENERAL DESCRIPTION
EM73201 is an advanced single chip CMOS 4-bit micro-controller. It contains 2K-byte ROM, 52-nibble RAM,
4-bit ALU, 13-level subroutine nesting, 22-stage time base, one 12-bit timer/counter for the kernel function.
EM73201 also contains 5 interrupt sources, 4 I/O ports (including 1 input port, 1 output port for LED driving,
2 bidirection I/O ports) built-in watch-dog-time counter and one high frequency clock output for modulating
infrared signal.
Except low-power consumption and high speed, EM73201 also have a sleep and hold mode operation for the
power saving function.
EM73201 is suitable for application in family appliance, consumer products and toy controller.
FEATURES
• Operation voltage
: 2.4V to 6.0V (clock frequency: 32 KHz to 5 MHz)
• Clock source
: Single clock system for RC , Crystal and external clock source, available by
mask option.
• Instruction set
: 109 powerful instructions.
• Instruction cycle time
: Up to 2µs for 4.19MHz .
• ROM capacity
: 2048 x 8 bits.
• RAM capacity
: 52 x 4 bits.
• Input port
: 1 port (P0).
• Output port
: 1 port (P1).
• Bidirection I/O port
: 2 ports (P7,P8).
• 12-bit timer/counter
: One 12-bit timer/counter is programmable for timer, even counter and pulse
width measurement mode.
• Built-in time base counter : 22 stages.
• Subroutine nesting
: Up to 13 levels.
• Interrupt
: External interrupt . . . . . . 2 input interrupt sources.
Internal interrupt . . . . . . 1 timer overflow interrupt,
1 time base interrupt.
• The built-in watch-dog-timer counter is available by mask option.
• Low voltage reset is available by mask option.
• High frequency clockout: Programmable high frequency clock output for modulating infrared signal.
• Power saving function
: Sleep mode and Hold mode.
• Package type
: EM73201H
Chip form 22 pins.
EM73201AP
DIP
18 pins.
EM73201BK
SKINNY 22 pins.
EM73201CP
DIP
16 pins.
APPLICATIONS
EM73201 is suitable for application in family appliance, consumer products and the toy controller.


Similar Part No. - EM73201CP

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM7320FP16AS-10L EMLSI-EM7320FP16AS-10L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7320FP16AS-10LF EMLSI-EM7320FP16AS-10LF Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7320FP16AS-70L EMLSI-EM7320FP16AS-70L Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7320FP16AS-70LF EMLSI-EM7320FP16AS-70LF Datasheet
188Kb / 11P
128K x8 bit Super Low Power and Low Voltage Full CMOS Static RAM
EM7320FP16AW-55LF EMLSI-EM7320FP16AW-55LF Datasheet
112Kb / 11P
256K x16 bit Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - EM73201CP

ManufacturerPart #DatasheetDescription
logo
ELAN Microelectronics C...
EM73361A EMC-EM73361A Datasheet
290Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73461A EMC-EM73461A Datasheet
190Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73469A EMC-EM73469A Datasheet
188Kb / 33P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73866 EMC-EM73866 Datasheet
254Kb / 39P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73880 EMC-EM73880 Datasheet
222Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73A89B EMC-EM73A89B Datasheet
394Kb / 58P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73C63 EMC-EM73C63 Datasheet
220Kb / 40P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73P968 EMC-EM73P968 Datasheet
580Kb / 53P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73PA88A EMC-EM73PA88A Datasheet
410Kb / 45P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
EM73MA89B EMC-EM73MA89B Datasheet
331Kb / 64P
4-BIT MICRO-CONTROLLER FOR LCD PRODUCT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com