Electronic Components Datasheet Search
  English  ▼

X  

EM73201CP Datasheet(PDF) 17 Page - ELAN Microelectronics Corp

Part # EM73201CP
Description  4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM73201CP Datasheet(HTML) 17 Page - ELAN Microelectronics Corp

Back Button EM73201CP Datasheet HTML 13Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 14Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 15Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 16Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 17Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 18Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 19Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 20Page - ELAN Microelectronics Corp EM73201CP Datasheet HTML 21Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
* This specification are subject to be changed without notice.
EM73201
4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT
Preliminary
7.20.1999
P16
3
2
1
0
initial value :0000
SWWT Set wake-up warm-up time
2
/XIN
2
/XIN
2
/XIN
Hold mode
SE Enable sleep/hold
0
Reserved
1
Enable sleep / hold rnode
0
1
Wake-up in edge release mode
Reserved
0 0
0 1
1 0
1 1
18
14
16
WM SE
SWWT
WM Set wake-up release mode
During sleep and hold condition, CPU holds the system's internal status with a low power consumption, for
the sleep mode, the system clock will be stoped in the sleep condition and system need a warm up time for
the stability of system clock running after wakeup . In the other way, for the hold mode, the system clock
does not stop at all and it does not need a warm-up time any way.
The sleep and hold mode is controlled by Port 16 and released by P0(0..3)/WAKEUP0-3.
Sleep and hold condition:
1. Osc stop ( sleep only ) and CPU internal status held .
2. Internal time base clear to"0"
3. CPU internal memory ,flags, register, I/O held original states.
4. Program counter hold the executed address after sleep release.
Release condition:
1. Osc start to oscillating.(sleep only)
2. Warm-up time passing ( sleep only ).
3. According PC to execute the following program.
There is one kind of sleep/hold release mode .
1.Edge release mode:
Release sleep/hold condition by the falling edge of any one of P0(0..3)/WAKEUP0-3.
Note : There is only one mask option for weakeup function in EM73201. So,the weakeup function of
P0(0..3)/WAKEUP0..3 are enabled or disabled together.
INFRARED SIGNAL
The infrared signal generator supports user different frequencies and duties clock signal by P1.0/CLKOUT
pin.
The basic structure of infrared signal generator is composed by a frequency divider and a duty controller,
these two parts generate differen frequencies and dutyies according to the command port, Port4 and Port5,
assigned . When the CPU is reseted, the CPU is reseted, the P1.0/CLKOUT pin will keep high.
PORT5
PORT4
AB
CD
E
32
10
32
1
0
initial state : 0 x x x initial state : 0 0 0 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com