| Electronic Components Datasheet Search |
|
EM73201CP Datasheet(PDF) 18 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM73201CP Datasheet(HTML) 18 Page - ELAN Microelectronics Corp |
|
18 / 30 page ![]() 18 * This specification are subject to be changed without notice. 7.20.1999 EM73201 4-BIT MICRO-CONTROLLER FOR GENERAL PURPOSE PRODUCT Preliminary Infrared signal command port PORT4 PORT5 Frequecy divider Duty controller fc P1.0/CLKOUT fc fc/8 fc/16 fc/64 fc/16 , 1/4 duty fc/16 , 1/2 duty fc/16 , 3/4 duty Program example: To disable CLKOUT before sleep. To enable a CLKOUT signal with frequency LDIA #0000B; fc/16, 3/4 duty . OUTA P5; LDIA #0000B; OUTA P4; set clkout pin in high state OUTA P5; LDIA #0100B; LDIA #1111B; OUTA P16; Sleep OUTA P4; :: WATCH-DOG-TIMER Watch-dog-timer (WDT) can help user to detect the malfunction (runaway) of CPU and give system a time up signal every certain time. User can use the time up signal to give system a reset signal when system is fail. The watch-dog-timer is enabled or disabed by mask option. If the mask option of WDT is enabled and the CPU is reseted or waked up, the WDT will be cleared and counting. When the CPU is sleeping, the WDT will be disabled. The basic structure of watch-dog-timer control is composed by a 4-stage binary counter and a control unit. The WDT counter counts for a certain time to check the CPU status, if there is no malfunction happened, the counter will be cleared and counting. Otherwise, if there is a malfunction happened, the WDT control will send a signal (low active) to reset CPU. The WDT checking period is assign by P21 (WDT command port). E A B C D CLK OUT X0 X X X HIGH 1 1 X X X fc/12 0 1 0 0 0 fc/8 0 1 0 0 1 fc/16 0 1 0 1 0 fc/32 0 1 0 1 1 fc/64 0 1 1 0 0 LOW 0 1 1 0 1 fc/16 ; 1/4 duty 0 1 1 1 0 fc/16 ; 1/2 duty 0 1 1 1 1 fc/16 ; 3/4 duty |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |