Electronic Components Datasheet Search
  English  ▼

X  

EM83049 Datasheet(PDF) 5 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 5 Page - ELAN Microelectronics Corp

  EM83049 Datasheet HTML 1Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
5.2.1997
bit 4~ bit 0
typematic rate
± 20%
bit 4~ bit 0
typematic rate
± 20%
00000
30.0
10000
7.5
00001
26.7
10001
6.7
00010
24.0
10010
6.0
00011
21.8
10011
5.5
00100
20.0
10100
5.0
00101
18.5
10101
4.6
00110
17.1
10110
4.3
00111
16.0
10111
4.0
01000
15.0
11000
3.7
01001
13.3
11001
3.3
01010
12.0
11010
3.0
01011
10.9
11011
2.7
01100
10.0
11100
2.5
01101
9.2
11101
2.3
01110
8.6
11110
2.1
01111
8.0
11111
2.0
3. Default rate = 10.9 chars/sec + 20%
Default delay = 500 mS
± 20%
Enable ( Hex F4 )
- Responds with ACK.
- Clears output buffer.
- Clears last typematic key.
- Start scanning.
Default Disable (Hex F5)
- Responds with ACK.
- Resets all conditions to power-on state.
- Clears output buffer.
- Sets the default key type ( scan code set 3 only ).
- Set the default typematic rate/delay.
- Clears last typematic key.
- Stops scanning,
Set Default (Hex F6 )
- Responds with ACK.
- Resets all conditions to power-on state.
- Clears output buffer.
- Sets the default key type ( scan code set 3 only ).
- Set the default typematic rate/delay.
- Clears last typematic key.
- Continues scanning,
Set All Keys ( Hex F7,F8,F9,FA )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com