Electronic Components Datasheet Search
  English  ▼

X  

EM83049 Datasheet(PDF) 10 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 10 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 12Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 13Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 14Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
10
5.2.1997
Key Number
Make code
Break code
Key Number
Make code
Break code
30
58
F0 58
105
7B
F0 7B
31
1C
F0 1C
106
79
F0 79
32
1B
F0 1B
108
E0 5A
E0 F0 5A
33
23
F0 23
110
76
F0 76
34
2B
F0 2B
112
05
F0 05
35
34
F0 34
113
06
F0 06
36
33
F0 33
114
04
F0 04
37
3B
F0 3B
115
0C
F0 0C
38
42
F0 42
116
03
F0 03
39
4B
F0 4B
117
0B
F0 0B
40
4C
F0 4C
118
83
F0 83
41
52
F0 52
119
0A
F0 0A
42 @6
5D
F0 5D
120
01
F0 01
43
5A
F0 5A
121
09
F0 09
44
12
F0 12
122
78
F0 78
45 @6
61
F0 61
123
07
F0 07
46
1A
F0 1A
125
7E
F0 7E
Key No.
Base Case,or
Shift Case @7
Num Lock
Shift + Nun Lock
Make/Break
Make/Break
Make/Break
75
E0 70 / E0 F0 70
E0 F0 12 E0 70
E0 12 E0 70
/ E0 F0 70 E0 12
/ E0 F0 70 E0 F0 12
76
E0 71 / E0 F0 71
E0 F0 12 E0 71
E0 12 E0 71
/ E0 F0 71 E0 12
/ E0 F0 71 E0 F0 12
79
E0 6B / E0 F0 6B
E0 F0 12 E0 6B
E0 12 E0 6B
/ E0 F0 6B E0 12
/ E0 F0 6B E0 F0 12
80
E0 6C / E0 F0 6C
E0 F0 12 E0 6C
E0 12 E0 6C
/ E0 F0 6C E0 12
/ E0 F0 6C E0 F0 12
81
E0 69 / E0 F0 69
E0 F0 12 E0 69
E0 12 E0 69
/ E0 F0 69 E0 12
/ E0 F0 69 E0 F0 12
83
E0 75 / E0 F0 75
E0 F0 12 E0 75
E0 12 E0 75
/ E0 F0 75 E0 12
/ E0 F0 75 E0 F0 12
84
E0 72 / E0 F0 72
E0 F0 12 E0 72
E0 12 E0 72
/ E0 F0 72 E0 12
/ E0 F0 72 E0 F0 12
85
E0 7D / E0 F0 7D
E0 F0 12 E0 7D
E0 12 E0 7D
/ E0 F0 7D E0 12
/ E0 F0 7D E0 F0 12
86
E0 7A / E0 F0 7A
E0 F0 12 E0 7A
E0 12 E0 7A
/ E0 F0 7A E0 12
/ E0 F0 7A E0 F0 12
89
E0 74 / E0 F0 74
E0 F0 12 E0 74
E0 12 E0 74
/ E0 F0 74 E0 12
/ E0 F0 74 E0 F0 12
Key No.
Scan Code Make/Break
Shift Case Make/Break @7
95
E0 4A / E0 F0 4A
E0 F0 12 E0 4A / E0 F0 4A E0 12
Key No.
Scan Code
Ctrl Case, Shift Case
Alt Case
Make/Break
Make/ Break
Make/Break
124
E0 12 E0 7C
E0 7C / E0 F0 7C
84 / F0 84
/ E0 F0 7C E0 F0 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com