Electronic Components Datasheet Search
  English  ▼

X  

EM83049 Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 12Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 13Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
5.2.1997
Key No.
Scan Code Make/Break
Shift Case Make/Break @3
95
E0 35 / E0 B5
E0 AA E0 35 / E0 B5 E0 2A
Key No.
Scan Code
Ctrl Case, Shift Case
Alt Case
Make/Break
Make/ Break
Make/Break
124
E0 2A E0 37
E0 37 / E0 B7
54 / D4
/ E0 B7 E0 AA
Key No.
Make Code
Ctrl Key Pressed
126 @4
E1 1D 45 E1 9D C5
E0 46 E0 C6
Note .
@1 : 101-key keyboard only.
@2 : 102-key keyboard only.
@3 : If the left Shift key is held down, the AA/2A shift make and break is sent with the other scan codes.
If the right Shift key is held down, B6/36 is sent. If both Shift keys are down, both sets of codes are
sent with the other scan code.
@4 : This key is not typematic. All associated scan codes occur on the make of the key.
scan code set 2
Key Number
Make code
Break code
Key Number
Make code
Break code
1
0E
F0 0E
47
22
F0 22
2
16
F0 16
48
21
F0 21
3
1E
F0 1E
49
2A
F0 2A
4
26
F0 26
50
32
F0 32
5
25
F0 25
51
31
F0 31
6
2E
F0 2E
52
3A
F0 3A
7
36
F0 36
53
41
F0 41
8
3D
F0 3D
54
49
F0 49
9
3E
F0 3E
55
4A
F0 4A
10
46
F0 46
57
59
F0 59
11
45
F0 45
58
14
F0 14
12
4E
F0 4E
60
11
F0 11
13
55
F0 55
61
29
F0 29
15
66
F0 66
62
E0 11
E0 F0 11
16
0D
F0 0D
64
E0 14
E0 F0 14
17
15
F0 15
90
77
F0 77
18
1D
F0 1D
91
6C
F0 6C
19
24
F0 24
92
6B
F0 6B
20
2D
F0 2D
93
69
F0 69
21
2C
F0 2C
96
75
F0 75
22
35
F0 35
97
73
F0 73
23
3C
F0 3C
98
72
F0 72
24
43
F0 43
99
70
F0 70
25
44
F0 44
100
7C
F0 7C
26
4D
F0 4D
101
7D
F0 7D
27
54
F0 54
102
74
F0 74
28
5B
F0 5B
103
7A
F0 7A
29 @5
5D
F0 5D
104
71
F0 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com