Electronic Components Datasheet Search
  English  ▼

X  

EM83049 Datasheet(PDF) 14 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 14 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 11Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 12Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 13Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 14Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 15Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 16Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 17Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
14
5.2.1997
New key codes for scan set 2:
New key
Make
Break
LWIN
E0
1F
E0
F0
1F
RWIN
E0
27
E0
F0
27
APP
E0
2F
E0
F0
2F
N-CHG (131)
67
F0
67
CHG (132)
64
F0
64
ROMA (133)
13
F0
13
014
6A
F0
6A
056
51
F0
51
107
6D
F0
6D
KL
F1
X
KR
F2
X
New key codes for scan set 3:
New key
Make
Break
LWIN
8B
F0
8B
RWIN
8C
F0
8C
APP
8D
F0
8D
N-CHG (131)
85
F0
85
CHG (132)
86
F0
86
ROMA (133)
87
F0
87
014
5D
F0
5D
056
51
F0
51
107
7B
F0
7B
KL
F1
X
KR
F2
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com