Electronic Components Datasheet Search
  English  ▼

X  

EM83049 Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM83049
Description  KEYBOARD ENCODER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM83049 Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM83049 Datasheet HTML 2Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 3Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 4Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 5Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 6Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 7Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 8Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 9Page - ELAN Microelectronics Corp EM83049 Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
* This specification are subject to be changed without notice.
EM83049
KEYBOARD ENCODER
6
5.2.1997
- Responds ACK.
- Clears output buffer.
- Sets all key type (affect only scan code set 3 operation).
F7 : Typematic
F8 : Make/Break
F9 : Make
FA : Typematic/Make/Break
- Returns to previous scanning rate.
Set Key Type ( Hex FB,FC,FD )
- Responds ACK.
- Clears output buffer.
- Receives key ID byte
- Responds ACK.
- Sets key ID type (affect only scan code set 3 operation).
FB : Typematic
FC : Make/Break
FD : Make
- Returns to previous scanning rate.
Resend ( Hex FE )
- Sends the previous output again. If the previous byte is RESEND, the last byte before RESEND shall be sent.
Reset ( Hex FF )
- Responds ACK.
- Checks clock and data lines - Reset in the high state for at least 500 microseconds or receives another command.
- Default to scan code set 2.
Command to the system
The following are the keyboard output commands.
Acknowledge ( Hex FA )
The keyboard sends an acknowledge in response to any valid command from the system except for RESEND
and ECHO.
BAT Completion Code ( Hex AA )
This command is issued after successful completion of keyboard self test.
Echo ( Hex EE )
The keyboard sends this code in response to an ECHO command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com