Electronic Components Datasheet Search
  English  ▼

X  

EM84502AM Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM84502AM
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502AM Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM84502AM Datasheet HTML 1Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 2Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
3
* This specification are subject to be changed without notice.
6.18.1998
2). Set default:
sampling rate: 100 reports/s
non-autospeed
stream mode
2 dot/count
disable
ii). Stream Mode:
The maximum rate of transfer is the programmed sample rate.
Data report is transmitted if
1). switch is pressed
2). movement has been detect
iii). Remote Mode:
Data is transmitted only in response to a Read Data command.
iv). Wrap Mode:
Any byte of data sent by the system, except hex EC ( Reset wrap mode ) or hex FF ( Reset ), is returned
by EM84502.
B). PS/2 Mouse Data Report:
i).
In stream mode: A data report is sent at the end of a sample interval.
ii). In remote mode: A data report is sent in response to Read Data command.
iii). Data report format:
Byte
Bit
Description
1
0
Left button status; 1 = pressed
1
Right button status; 1 = pressed
2
Middle button status; 1 = pressed
3
Reserve
4
X data sign; 1 = negative
5
Y data sign; 1 = negative
6
X data overflow; 1 = overflow
7
Y data overflow; 1 = overflow
2
0-7
X data ( D0 - D7 )
3
0-7
Y data ( D0 - D7 )
C) PS/2 mouse Data Transmission:
i). EM84502 generates the clocking signal when sending data to and receiving data from the system.
ii). The system requests EM84502 receive system data output by forcing the DATA line to an inactive
level and allowing CLK line to go to an active level.
iii). Data transmission frame:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com