Electronic Components Datasheet Search
  English  ▼

X  

EM84502AM Datasheet(PDF) 9 Page - ELAN Microelectronics Corp

Part # EM84502AM
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502AM Datasheet(HTML) 9 Page - ELAN Microelectronics Corp

Back Button EM84502AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 12Page - ELAN Microelectronics Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
9
* This specification are subject to be changed without notice.
6.18.1998
TIMING DIAGRAM
(1) Photo-couples pulse width :
AC ELECTRICAL CHARACTERISTICS (T
A=0°C to 70°C)
Parameters
Sym.
Min.
Typ.
Max.
Unit
Oscillating Frequency
Fosc
34.3-10%
34.3
34.3+10%
KHz
Key Debounce
Tkd
-
12
-
ms
Rising Edge Crossed Width Fosc=35 KHz
Tr
14.3
-
-
us
Falling Edge Crossed Width Fosc=35 KHz
Tf
14.3
-
-
us
Mouse CLK Active Time
Tmca
-
42.9
-
us
Mouse CLK Inactive Time
Tmci
-
42.9
-
us
Mouse Sample DATA from
Tmdc
-
14.3
-
us
CLK rising Edge
System CLK Active Time
Tsca
-
42.9
-
us
System CLK Inactive Time
Tsci
-
42.9
-
us
Time from DATA Transition to Falling Edge of CLK
Tsdc
-
14.3
-
us
Time from rising Edge of CLK to DATA Transition
Tscd
-
28.6
-
us
Time to mouse Inhibit after the 11th CLK to
Tpi
0
-
50
us
ensure mouse does not start another Transmission
PS. The AC timings are measured under using 35 KHz system clock signal.
(2) PS/2 Mouse
(A) Receiving DATA
X1 (Y1)
X2 (Y2)
Tr
Tf
• • • • •
• • • • • • • • •
• • •
• • • • •
• •
CLK
DATA
Inhibit
1st
CLK
2nd
CLK
9th
CLK
10th
CLK
11th
CLK
Tmca
Tmci
Tmdc
Start
Bit
Bit0 -Bit7
Parity
Bit
Stop
Bit
Line
Control
Bit
><
><
><



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com