Electronic Components Datasheet Search
  English  ▼

X  

EM84502AM Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM84502AM
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502AM Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM84502AM Datasheet HTML 1Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 2Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
4
* This specification are subject to be changed without notice.
6.18.1998
Bit
Function
1
Start bit ( always 0 )
2-9
Data bits ( D0 - D7 )
10
Parity bit ( odd parity )
11
Stop bit ( always 1 )
iv). Data Output ( data from EM84502 to system ):
If CLK is low ( inhibit status ) , data is no transmission.
If CLK is high and DATA is low ( request-to-send ), data is updated. Data is received from the system
and no transmission are started by EM84502 until CLK and DATA both high. If CLK and DATA are both
high, the transmission is ready. DATA is valid prior to the falling edge of CLK and beyond the rising edge
of CLK. During transmission, EM84502 check for line contention by checking for an inactive level on CLK
at intervals not to exceed 100u sec. Contention occurs when the system lowers CLK to inhibit EM84502
output after EM84502 has started a transmission. If this occurs before the rising edge of the tenth clock,
EM84502 internal store its data in its buffer and returns DATA and CLK to an active level. If the contention
does not occur by the tenth clock, the transmission is complete.
Following a transmission, the system inhibits EM84502 by holding CLK low until it can service the input
or until the system receives a request to send a response from EM84502.
v). Data Input ( from system to EM84502 ):
System first check if EM84502 is transmitting data. If EM84502 is transmitting, the system can override
the output forcing CLK to an inactive level prior to the tenth clock. If EM84502 transmission is beyond
the tenth clock, the system receives the data. If EM84502 is not transmitting or if the system choose to
override the output, the system force CLK to an inactive level for a period of not less than 100
µ sec while
preparing for output. When the system is ready to output start bit (0), it allows CLK go to active level. If
request-to-send is detected, EM84502 clocks 11 bits. Following the tenth clock EM84502 checks for
an active level on the DATA line, and if found, force DATA low , and clock once more. If occurs framing
error, EM84502 continue to clock until DATA is high, then clocks the line control bit and request a
Resend. When the system sends out a command or data transmission that requires a response, the system
waits for EM84502 to response before sending its next output.
D). PS/2 Mouse Error Handling:
i).
A Resend command ( FE ) following receipt of an invalid input or any input with incorrect parity.
ii). If two invalid input are received in succession, an error code of hex FC send to the system.
iii). The counter accumulators are cleared after receiving any command except “Resend”.
iv). EM84501 receives a Resend command ( FE ), it transmit its last packet of data.
v). In the stream mode “Resend” is received by EM84502 following a 3-byte data packet transmission
to the system. EM84502 resend the 3-byte data packet prior to clearing the counter.
vi). A response is sent within 25 ms if



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com