Electronic Components Datasheet Search
  English  ▼

X  

EM84502AM Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM84502AM
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502AM Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM84502AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
7
* This specification are subject to be changed without notice.
6.18.1998
n). Set Resolution ( E8,XX )
EM84502 provides four resolutions selected by the second byte of this command as follows:
Second Byte XX
Resolution
00
8 dot/count
01
4 dot/count
02
2 dot/count
03
1 dot/count
3
Reserved
4
0 = Normal speed, 1 = Autospeed
5
0 = Disabled, 1 = Enabled
6
0 = Stream mode, 1 = Remote mode
7
Reserved
2
0-7
Current resolution setting ( D0 - D7 )
3
0-7
Current sampling rate ( D0 - D7 )
o). Set Autospeed ( E7 )
At the end of a sample interval in the stream mode, the current X and Y data values are converted new values.
The sign bits are not involved in this conversion. The conversion is only in stream mode. The relationship
between the input and output count follows:
Input
Ouput
00
11
21
33
46
59
N(
≥6 )
2.0*N
p). Reset Autospeed ( E6 )
This command restore normal speed.
F) Testing mode
Whenever OPT is connected to OSC OUT, the chip will enter buyer's testing mode. The X direction output
signals of comparators will present to L and M pin. Pressing "R" key can toggle the output from X direction
to Y direction.
ABSOLUTE MAXIMUM RATINGS
Parameter
Sym.
Ratings
Unit
Temperature under bias
T
OPR
0~70
°C
Storage temperature range
T
STR
-65~150
°C
Input voltage
V
IN
-0.3~6.0
V
Output voltage
V
O
-0.3~6.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com