Electronic Components Datasheet Search
  English  ▼

X  

EM84502AM Datasheet(PDF) 6 Page - ELAN Microelectronics Corp

Part # EM84502AM
Description  PS/2 MOUSE ENCODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM84502AM Datasheet(HTML) 6 Page - ELAN Microelectronics Corp

Back Button EM84502AM Datasheet HTML 2Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM84502AM Datasheet HTML 10Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
EM84502
PS/2 MOUSE CONTROLLER
6
* This specification are subject to be changed without notice.
6.18.1998
c). Set Default ( F6 )
The command reinitializes all conditions to the power-on defaults.
d). Disable ( F5 )
This command is used in the stream mode to stop transmissions from EM84502.
e). Enable ( F4 )
Begins transmissions, if in stream mode.
f). Set Sampling Rate ( F3,XX )
In the stream mode, this command sets the sampling rate to the value indicated by byte hex XX,
shown in following:
Second byte XX
Sample Rate
0A
10/sec
14
20/sec
28
40/sec
3C
60/sec
50
80/sec
64
100/sec
C8
200/sec
g). Read Device Type ( F2 )
EM84502 always echoes “ FA,00 “ following this command.
h). Set Remote Mode ( F0 )
Data value are reported only in response to a Read Data command.
i). Set Wrap Mode ( EE )
Wrap mode remains until Reset ( FF ) or Reset Wrap Mode( EC ) is received.
j). Reset Wrap Mode ( EC )
EM84502 returns to the previous mode of operation after receiving this command.
k). Read Data ( EB )
This command is executed in either remote or stream mode. The data is transmitted even if there has been
no movement since the last report or the button status is unchanged. Following a Read Data command,
the registers are cleared after a data transmission.
l). Set Stream Mode ( EA )
This command sets EM84502 in stream mode.
m). Status Request ( E9 )
When this command is issued by the system, EM84502 respond with a 3-byte status report as follows:
Byte
Bit
Description
1
0
1 = Right button pressed
1
1 = Middle button pressed
2
1 = Left button pressed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com