Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 5 Page - Texas Instruments

  LM3555 Datasheet HTML 1Page - Texas Instruments LM3555 Datasheet HTML 2Page - Texas Instruments LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
Electrical Characteristics
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ +85°C). Unless otherwise specified: VIN = 3.6V.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CURRENT AND VOLTAGE SPECIFICATIONS
50.7
67.2
60
(-15.5%)
(+12%)
69.8
86.4
80
2.7V
≤ VIN ≤ 5.5V
(-12.8%)
(+8.0%)
mA
ILED-OUT
Flash LED Accuracy
VOUT = 6.5V,
(%)
304
336
VLED = 6.2V
320
(-5%)
(+5%)
475
535
500
(-5%)
(+7%)
(-20.4%)
2.5 mA
(+33.6%)
(-20.4%)
5.0mA
(+33.8%)
Indicator LED Current
2.7V
≤ VIN ≤ 5.5V
IIND-OUT
%
Accuracy
VIND = 2.0V (Indicator Mode)
(-20.3%)
7.5mA
(+33.7%)
(-20.2%)
10.0mA
(+33.4%)
Current Source
VCSH
2.7V
≤ VIN ≤ 5.5V
300
350
mV
Headroom Voltage
Trip Point (Rising)
9.22
9.5
9.96
Over-Voltage Protection
VOVP
2.7V
≤ VIN ≤ 5.5V
V
Range
Hysteresis
0.4
Upper Range
8.5
VOUT
Output Voltage Range
(VLED x NLED) + VCSH
V
Lower Range
2.8
ISD
Shutdown Current
2.7V
≤ VIN ≤ 5.5V
0.75
µA
ISB
Standby Current
2.7V
≤ VIN ≤ 5.5V
1.1
4.3
µA
Operating Quiescent
2.7V
≤ VIN ≤ 5.5V
IQ
3.5
mA
Current
Part Switching
Reference Voltage for
VREF
VIN = 3.6V (No Offset)
4.35
V
LED Detection
IND OVP
2.571
VIND
Indicator Fault Voltages
V
IND Short
0.842
UVLO
Under-Voltage Lock Out
Falling VIN
2.35
2.4
2.43
V
UVLOHYST UVLO Hysteresis
Rising VIN
60
70
85
mV
Current Limit Register
1.183
1.250
1.550
value = 00
Current Limit Register
1.417
1.500
1.781
value = 01
2.7V
≤ VIN ≤ 5.5V
ILIM
Peak Current Limit
A
(3)
Current Limit Register
1.512
1.750
2.025
value = 10
Current Limit Register
1.805
2.000
2.267
value = 11
OSCILLATOR AND TIMING SPECIFICATIONS (NON-I2C INTERFACE TIMING)
1.91
2.15
fSW
Switching Frequency
2.7V
≤ VIN ≤ 5.5V
2.0
MHz
(
−4.5%)
(+7.5%)
tHW
Hardware Flash Timeout
Default Timer
850
msec
ILED = 0mA to ILED = Fullscale,
tRU
Current Ramp-Up Time
0.6
1.0
msec
VOUT = 6.5V, VLED = 6.2V
Current Ramp Down
ILED = Fullscale to ILED = 0 mA
tRD
0.2
0.5
msec
Time
VOUT = 6.5V, VLED = 6.2V
tTORCH-DG
Torch Deglitching Time
6.3
9
11.7
msec
(1)
Min and Max limits are guaranteed by design, test, or statistical analysis. Typical (Typ) numbers are not guaranteed, but do represent
the most likely norm. Unless otherwise specified, conditions for Typical specifications are: VIN = 3.6V and TA = 25°C.
(2)
Switching disabled.
(3)
TA (min) = 0°C to account for self-heating. Current Limit specification uses VIN (Max) = 4.0V to account for the input voltage range where
current limit could be reached based upon the maximum application specifications for output voltage and diode current. Operation above
4.0V and up to 5.5V is allowed and should not reach current limit.
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com