Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 11Page - Texas Instruments LM3555 Datasheet HTML 12Page - Texas Instruments LM3555 Datasheet HTML 13Page - Texas Instruments LM3555 Datasheet HTML 14Page - Texas Instruments LM3555 Datasheet HTML 15Page - Texas Instruments LM3555 Datasheet HTML 16Page - Texas Instruments LM3555 Datasheet HTML 17Page - Texas Instruments LM3555 Datasheet HTML 18Page - Texas Instruments LM3555 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
Current
Control
TORCH CTRL
FLASH CTRL
TIME-OUT CTRL
I
2
C INTERFACE/
CONTROL LOGIC/
REGISTERS
SCL/EN1
SDA/EN2
¦
gm
SWITCH
CONTROLLER
OSC
2MHz
RAMP
CURRENT
LIMIT
THERMAL
SHUTDOWN
OVP/Short
Detect
SW
STROBE
VREF
VIN
SW
Driver
I
2C/EN
SW
Driver
PGND
SGND
VOUT
VLED
CC
RC
IC
IND
TORCH
0.3V
+
-
LED
Open/Short
Detect
LM3555
LM3555
www.ti.com
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
Block Diagram
Application Circuit Component List
Component
Manufacturer
Value
Part-Number
Current/Voltage Rating
(Resistance)
L
TOKO
2.2 µH
FDS0312-2R2M
ISAT = 2.3A (0.2
Ω)
COUT
Murata
11 µF
GRM219R61A116UE82B
10V
CIN1
Murata
10 µF
GRM188R60J106UE82B
6.3V
CIN2
Murata
0.1 µF
GRM155R61C104KA88B
16V
Copyright © 2009–2011, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com