Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 18Page - Texas Instruments LM3555 Datasheet HTML 19Page - Texas Instruments LM3555 Datasheet HTML 20Page - Texas Instruments LM3555 Datasheet HTML 21Page - Texas Instruments LM3555 Datasheet HTML 22Page - Texas Instruments LM3555 Datasheet HTML 23Page - Texas Instruments LM3555 Datasheet HTML 24Page - Texas Instruments LM3555 Datasheet HTML 25Page - Texas Instruments LM3555 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
Shutdown
Flash
External
Torch
Assist Light
Red
Indicator
OVP
SC
OTP
TO
DN
IF
IP
RFU
Fault and Info Register
Address: 0x05
Default:
0
0
0
0
X
0
0
0
Definition:
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
OVP: Over-Voltage Protection Fault. ‘1’ = Fault, ‘0’ = No Fault SC: Short Circuit Fault. ‘1’ = Fault, ‘0’ = No Fault
OTP: Over-Temperature Protection Fault. ‘1’ = Fault, ‘0’ = No Fault
TO: Flash Timeout Fault. ‘1’ = Fault, ‘0’ = No Fault
DN: Number of LEDs. ‘1’ = 2 LEDs, ‘0’ = 1 LED. (This bit is R/W). ‘1’ = Fault, ‘0’ = No Fault
IF: Indicator LED Fault. ‘1’ = Fault, ‘0’ = No Fault
IP: Inductor Peak Current Limit Fault (Broken Inductor Fault). ‘1’ = Fault, ‘0’ = No Fault
RFU: Not Used .
SIMPLE CONTROL STATE DIAGRAM
SIMPLE MODE TRUTH TABLE
I2C/EN = ‘0’
EN1
EN2
Torch
Mode
0
0
0
Shutdown
0
0
1
External Torch
0
1
X
Assist Light
1
0
X
Indicator
1
1
X
Flash
22
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com