Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 2Page - Texas Instruments LM3555 Datasheet HTML 3Page - Texas Instruments LM3555 Datasheet HTML 4Page - Texas Instruments LM3555 Datasheet HTML 5Page - Texas Instruments LM3555 Datasheet HTML 6Page - Texas Instruments LM3555 Datasheet HTML 7Page - Texas Instruments LM3555 Datasheet HTML 8Page - Texas Instruments LM3555 Datasheet HTML 9Page - Texas Instruments LM3555 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
Electrical Characteristics (continued)
Limits in standard typeface are for TA = +25°C. Limits in boldface type apply over the full operating ambient temperature
range (
−30°C ≤ TA ≤ +85°C). Unless otherwise specified: VIN = 3.6V.
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CURRENT AND VOLTAGE SPECIFICATIONS
CONTROL INTERFACE VOLTAGE SPECIFICATIONS
Simple Mode
0.54
I2C/EN Pin Voltage
VI2C/EN
2.7V
≤ VIN ≤ 5.5V
V
Threshold
I2C Mode
1.26
Low-Level Threshold
VIL
Voltage (SCL/EN1 and
2.7V
≤ VIN ≤ 5.5V
0.54
V
SDA/EN2)
High-Level Threshold
VIH
Voltage (SCL/EN1 and
2.7V
≤ VIN ≤ 5.5V
1.26
V
SDA/EN2)
Low-Level Output
VOL
Threshold Limit
ILOAD = 3mA
0.4
V
(SDA/EN2)
CONTROL INTERFACE TIMING SPECIFICATIONS
TI2C-Start
I2C Logic Startup Time
I2C/EN going high
250
500
µsec
fSCL
SCL Clock Frequency
400
kHz
tI2C
I2C Hang-Up Tie
35
msec
tLOW
Low Period of SCL Clock
1.3
µsec
tHIGH
High Period of SCL Clock
0.6
µsec
Hold Time (repeated)
tHD-STA
0.6
µsec
START Condition
Setup time for a repeated
tSU-STA
0.6
µsec
START condition
tHD-DAT
Data Hold Time
0
µsec
tSU-DAT
Data Setup Time
100
nsec
Rise Time for SCL and
tR
300
nsec
SDA
Fall Time for SCL and
tF
300
nsec
SDA
Setup Time for Stop
tSU-STO
0.6
µsec
Condition
Bus Free Time between
tBUF
1.3
µsec
Stop and Start Condition
tVD-DAT
Data Valid Time
0.9
µsec
Data Valid Acknowledge
tVD-ACK
0.9
µsec
Time
Capacitive Load for Each
20+0.1xC
CB
400
pF
Bus Line
B
6
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com