Electronic Components Datasheet Search
  English  ▼

X  

LM3555 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM3555
Description  LM3555 Synchronous Boost Converter with 500 mA High Side LED Driver and Dual-Mode Control Interface
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3555 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM3555 Datasheet HTML 16Page - Texas Instruments LM3555 Datasheet HTML 17Page - Texas Instruments LM3555 Datasheet HTML 18Page - Texas Instruments LM3555 Datasheet HTML 19Page - Texas Instruments LM3555 Datasheet HTML 20Page - Texas Instruments LM3555 Datasheet HTML 21Page - Texas Instruments LM3555 Datasheet HTML 22Page - Texas Instruments LM3555 Datasheet HTML 23Page - Texas Instruments LM3555 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
FC3
FC2
FC1
FC0
DEN
AC2
AC1
AC0
Current Set Register
Address: 0x03
Default:
0
1
1
0
1
0
0
1
Definition:
LM3555
SNVS594E – JANUARY 2009 – REVISED NOVEMBER 2011
www.ti.com
INDICATOR CURRENTS
IC1
IC0
Indicator LED Current
0
0
2.5 mA
0
1
5.0 mA
1
0
7.5 mA
1
1
10.0 mA
VREF OFFSET VOLTAGES
VREF Voltage
VO1
VO0
(Offset from 4.35V)
0
0
4.35V (+0V)
0
1
4.65V (+0.3V)
1
0
4.05V (
−0.3V)
1
1
4.95V (+0.6V)
FLASH TIMEOUT DURATION
FT3
FT2
FT1
FT0
Flash Timeout Duration
0
0
0
0
100 ms
0
0
0
1
150 ms
0
0
1
0
200 ms
0
0
1
1
250 ms
0
1
0
0
300 ms
0
1
0
1
350 ms
0
1
1
0
400 ms
0
1
1
1
450 ms
1
0
0
0
500 ms
1
0
0
1
550 ms
1
0
1
0
600 ms
1
0
1
1
650 ms
1
1
0
0
700 ms
1
1
0
1
750 ms
1
1
1
0
800 ms
1
1
1
1
850 ms
FC3-FC0: Flash Current Control Bits.
DEN: Diode Detection Enable Bit. ‘1’ = EN, ‘0’ = Disabled. Default = ‘1’ (Enabled)
AC2-AC0: Assist Light Current Control Bits.
FLASH CURRENT LEVELS
FC3
FC2
FC1
FC0
Flash Current Level
0
0
0
0
200 mA
0
0
0
1
220 mA
0
0
1
0
240 mA
0
0
1
1
260 mA
20
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated
Product Folder Links: LM3555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com