Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 19Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 20Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 21Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 22Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 23Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 24Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 25Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 26Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 72 page
background image
23
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
8.
Security Features
8.1
Sector Lockdown
The device incorporates a sector lockdown mechanism that allows each individual sector to be permanently locked so
that it becomes read-only (ROM). This is useful for applications that require the ability to permanently protect a number of
sectors against malicious attempts at altering program code or security information.
Warning:
Once a sector is locked down, it can never be erased or programmed, and it can never be unlocked.
To issue the sector lockdown command, a 4-byte command sequence of 3Dh, 2Ah, 7Fh, and 30h must be clocked into
the device followed by three address bytes specifying any address within the sector to be locked down. After the last
address bit has been clocked in, the CS pin must be deasserted to initiate the internally self-timed lockdown sequence.
The lockdown sequence should take place in a maximum time of t
P. During this time, the RDY/BUSY bit in the Status
Register will indicate that the device is busy. If the device is powered-down before the completion of the lockdown
sequence, then the lockdown status of the sector cannot be guaranteed. In this case, it is recommended that the user
read the Sector Lockdown Register to determine the status of the appropriate sector lockdown bits or bytes and re-issue
the Sector Lockdown command if necessary.
Table 8-1.
Sector Lockdown Command
Figure 8-1.
Sector Lockdown
8.1.1
Read Sector Lockdown Register
The nonvolatile Sector Lockdown Register specifies which sectors in the main memory are currently unlocked or have
been permanently locked down. The Sector Lockdown Register is a read-only register and contains thirty two bytes of
data which correspond to Sectors 0 through 31. To read the Sector Lockdown Register, an opcode of 35h must be
clocked into the device followed by three dummy bytes. After the last bit of the opcode and dummy bytes have been
clocked in, the data for the contents of the Sector Lockdown Register will be clocked out on the SO pin. The first byte
(byte location 0) corresponds to Sector 0 (0a and 0b), the second byte corresponds to Sector 1, and the last byte (byte
location 31) corresponds to Sector 31. After the last byte of the Sector Lockdown Register has been read, additional
pulses on the SCK pin will result in undefined data being output on the SO pin.
Deasserting the CS pin will terminate the Read Sector Lockdown Register operation and put the SO pin into a
high-impedance state. Table 8-2 details the format the Sector Lockdown Register.
Table 8-2.
Sector Lockdown Register
Command
Byte 1
Byte 2
Byte 3
Byte 4
Sector Lockdown
3Dh
2Ah
7Fh
30h
3Dh
2Ah
7Fh
30h
CS
Address
byte
Address
byte
Address
byte
SI
Each transition represents eight bits
Sector Number
0 (0a, 0b)
1 to 31
Locked
See Table 8-3
FFh
Unlocked
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com