Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 62 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 62 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 58Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 59Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 60Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 61Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 62Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 63Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 66Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
62
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
Figure 26-2. Algorithm for Programming or Re-programming of the Entire Array Randomly
Notes: 1.
To preserve data integrity, each page of an DataFlash sector must be updated/rewritten at least once within
every 50,000 cumulative page erase and program operations.
2.
A page address pointer must be maintained to indicate which page is to be rewritten. The Auto Page
Rewrite command must use the address specified by the page address pointer.
3.
Other algorithms can be used to rewrite portions of the Flash array. Low-power applications may choose to
wait until 50,000 cumulative page erase and program operations have accumulated before rewriting all
pages of the sector.
START
Main Memory Page
to Buffer Transfer
(53h, 55h)
Increment Page
Address Pointer
(2)
Auto Page Rewrite
(2)
(58h, 59h)
END
Provide Address of
Page to Modify
If planning to modify multiple
bytes currently stored within
a page of the Flash array
Main Memory Page Program
through Buffer
(82h, 85h)
Buffer Write
(84h, 87h)
Buffer to Main
Memory Page Program
(83h, 86h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com