Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 2Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
6
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
4.
Device Operation
The device operation is controlled by instructions from the host processor. The list of instructions and their associated
opcodes are contained in Table 15-1 on page 40 through Table 15-4 on page 41. A valid instruction starts with the falling
edge of CS followed by the appropriate 8-bit opcode and the desired buffer or main memory address location. While the
CS pin is low, toggling the SCK pin controls the loading of the opcode and the desired buffer or main memory address
location through the SI (Serial Input) pin. All instructions, addresses, and data are transferred with the Most Significant
Bit (MSB) first.
Three address bytes are used to address memory locations in either the main memory array or in one of the SRAM
buffers. The three address bytes will be comprised of a number of dummy bits and a number of actual device address
bits, with the number of dummy bits varying depending on the operation being performed and the selected device page
size. Buffer addressing for the standard DataFlash page size (264 bytes) is referenced in the datasheet using the
terminology BFA8 - BFA0 to denote the 9 address bits required to designate a byte address within a buffer. The main
memory addressing is referenced using the terminology PA14 - PA0 and BA8 - BA0, where PA14 - PA0 denotes the
15 address bits required to designate a page address, and BA8 - BA0 denotes the 9 address bits required to designate a
byte address within the page. Therefore, when using the standard DataFlash page size, a total of 24 address bits are
used.
For the “power of 2” binary page size (256 bytes), the buffer addressing is referenced in the datasheet using the
conventional terminology BFA7 - BFA0 to denote the eight address bits required to designate a byte address within a
buffer. Main memory addressing is referenced using the terminology A22 - A0, where A22 - A8 denotes the 15 address
bits required to designate a page address, and A7 - A0 denotes the 8 address bits required to designate a byte address
within a page. Therefore, when using the binary page size, a total of 23 address bits are used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com