Electronic Components Datasheet Search
  English  ▼

X  

AT45DB641E Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # AT45DB641E
Description  64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB641E Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button AT45DB641E Datasheet HTML 64Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 65Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 66Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 67Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 68Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 69Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 70Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 71Page - List of Unclassifed Manufacturers AT45DB641E Datasheet HTML 72Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 70 / 72 page
background image
70
AT45DB641E
DS-45DB641E-027E–DFLASH–1/2014
29.
Revision History
Doc. Rev.
Date
Comments
DS-45DB641E-027E
1/2014
Updated specifications for I
DPD, ISB, ICC2, fCAR2, and tXUDPD. Removed Preliminary status.
DS-45DB641E-027D
1/2014
Added Exit Ultra-Deep Power-Down (Chip Select Low).
DS-45DB641E-027C
11/2013
Corrected Memory Architecture Diagram, Figure 3.1.
DS-45DB641E-027B
10/2013
Updated spec in Continuous Array Read (1Bh Opcode) to
f
CAR4. Corrected Low Power
Read Option (up to 15MHz). Corrected Ultra-Deep Power-Down current (400nA typical).
Updated spec for Input High Voltage (Max) to V
CC + 0.6V. Updated DC and AC
parameters, and Program and Erase Characteristics. Updated datasheet status to
Preliminary.
DS-45DB641E-027A
8/2013
Initial document release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com