Electronic Components Datasheet Search
  English  ▼

X  

ACT5880 Datasheet(PDF) 52 Page - Active-Semi, Inc

Part # ACT5880
Description  15 Channels Advanced PMU for Smart Phone
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5880 Datasheet(HTML) 52 Page - Active-Semi, Inc

Back Button ACT5880 Datasheet HTML 48Page - Active-Semi, Inc ACT5880 Datasheet HTML 49Page - Active-Semi, Inc ACT5880 Datasheet HTML 50Page - Active-Semi, Inc ACT5880 Datasheet HTML 51Page - Active-Semi, Inc ACT5880 Datasheet HTML 52Page - Active-Semi, Inc ACT5880 Datasheet HTML 53Page - Active-Semi, Inc ACT5880 Datasheet HTML 54Page - Active-Semi, Inc ACT5880 Datasheet HTML 55Page - Active-Semi, Inc ACT5880 Datasheet HTML 56Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
ACT5880
Rev 2, 03-Sep-13
- 52 -
www.active-semi.com
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I2CTM is a trademark of NXP.
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
BACK-UP BATTERY CHARGER ELECTRICAL CHARACTERISTICS
(VVBAT = 3.6V, TA = 25°C, unless otherwise specified.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Charge Valid Voltage Range
VBBCIN
2.5V or
VVBBAT+1.2
5.5
Regulation Voltage Range
Programmable by setting VSETBB[3:0]
0.4
3.7
Output Voltage Accuracy
ILOAD=10μA.
2.552
2.795
V
Load Regulation Drop Per
Decade Change of Current
ILOAD=1mA
150
200
mV
Dropout Voltage
ILOAD=1mA, 100mV more drop from the output
voltage at the input voltage is 1.2V above the output.
1.18
V
Maximum Charge Current
5
mA
No Load Operation Current
10
µA
Stable COUT
For ILOAD~5mA
1
µF
Reverse Blocking Leakage
Current flows out off the BBCIN pin at VVBBAT=3.6V,
VBBCIN=0V to 2V.
10
nA
Output Short Circuit Current
100
mA
V
PARAMETER
TEST CONDITIONS
MIN
TYP MAX UNIT
Operation Voltage Range
VBBCIN or VVBBAT
1.8V or
VVALIVE+0.5
5.5
V
Regulation Voltage Range
Programmable by setting VSETRTC[3:0].
0.6
3.9
Output Voltage Accuracy
Include load regulation and line input regulation.
-3.5
2.5
%
Dropout Voltage
IOUT=5mA, VOUT=3.1V, 100mV more drop from the output
voltage at the input voltage is 1V above the output.
150
mV
Maximum Output Current
7
25
50
mA
No Load Operation Current RTCEN[ ]=0
7
µA
Stable COUT
For ILOAD~5mA
1
For ILOAD~20mA
2.2
Reverse Blocking Leakage VVBBAT=3.6V, VBBCIN=0V to 2V.
4
µA
Output Short Circuit Current
100
mA
µF
Note:
See the TYPICAL PERFORMANCE CHARACTERISTICS for:
The Backup Battery Charge Current to Input Voltage.
ALWAYS-ON LOW POWER LDO ELECTRICAL CHARACTERISTICS
(VVBAT = 3.6V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com